Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-91954-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-91954-001
Description  5.00mm (.197") Appli-Mate 5.0 IDT Connector System Female Receptacle, 4A, 2 Circuit, Natural
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91954-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-91954-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91954-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91954-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-91954-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-91954-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-91954-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-91954-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-91954-001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0919540005
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Appli-Mate 5.0 IDT Connector System Female Receptacle, 4A, 2
Circuit, Natural, Coding Key d20, Latch Position 1/2, Position Keys 1a, 2b, 0.38mm
Square Terminal
Documents:
3D Model
Product Specification PS-99020-0037 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
91954
Comments
Position Keys 1a, 2b|Coding Key d20|Latch Position 1/2
Crimp Quality Equipment
Yes
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Circuits (Loaded)
2
Color - Resin
Natural
Durability (mating cycles max)
10
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Stackable
Yes
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Application Specification
AS-99033-0004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91954Series
Mates With
Appli-Mate RAST 5.0 Header 90858 , 90879


Numéro de pièce similaire - SD-91954-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-91954-001 MOLEX11-SD-91954-001 Datasheet
634Kb / 8P
   5.00mm (.197") Appli-Mate 5.0 IDT Connector System Female Receptacle, 4A, 3 Circuit, Natural
SD-91954-001 MOLEX11-SD-91954-001 Datasheet
635Kb / 8P
   5.00mm (.197") Appli-Mate 5.0 IDT Connector System Female Receptacle, 4A, 3 Circuit, Natural
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com