Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-91228-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-91228-001
Description  2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector, With Pegs, Use With Card Holder 91236
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91228-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-91228-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91228-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91228-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-91228-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-91228-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-91228-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-91228-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-91228-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-91228-001 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0912283002
Status:
Active
Description:
2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector, With Pegs,
Use With Card Holder 91236
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Memory Card Sockets
Series
91228
Button Type
Push-Push
Component Type
Receptacle (Card)
Product Name
ChipSIM
Type
N/A
Physical
Card Detection Switch
Yes
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Durability (mating cycles max)
5,000
Ejector Button Side
Left
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze, Piano wire, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PCB Locator
Yes
PCB Mounting Side
Normal
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.100 In, 0.288 In
Pitch - Mating Interface (mm)
2.54 mm, 7.32 mm
Pitch - Term. Interface (in)
0.100 In, 0.288 In
Pitch - Term. Interface (mm)
2.54 mm, 7.32 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-30°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
No
Voltage - Maximum
50V DC
Voltage Key
N/A
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Reflow Capable (SMT only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91228Series


Numéro de pièce similaire - SD-91228-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-91228-001 MOLEX11-SD-91228-001 Datasheet
706Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector, With Pegs, Use With Card Holder 91236
SD-91228-001 MOLEX11-SD-91228-001 Datasheet
706Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector,With Pegs, Use With Card Holder 91236
SD-91228-001 MOLEX11-SD-91228-001 Datasheet
649Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector,With Pegs, Use
SD-91228-001 MOLEX11-SD-91228-001 Datasheet
649Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector,With Pegs, Use With Card Holder 91236
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com