Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-501827-001 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce SD-501827-001
Description  CMC Wire-to-Wire Connector Male Terminal 0.64, AVSS 0.3-0.5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501827-001 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  SD-501827-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501827-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Numéro de pièce similaire - SD-501827-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-501827-001 MOLEX-SD-501827-001 Datasheet
63Kb / 1P
   CMC W/W CONN. MALE TERMINAL 0.64 -LEAD FREE-
05.09.09
More results

Description similaire - SD-501827-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
5018280101 MOLEX11-5018280101 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 0.85
5018280111 MOLEX11-5018280111 Datasheet
99Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 1.25-2.0
SD-501827-001 MOLEX-SD-501827-001 Datasheet
63Kb / 1P
   CMC W/W CONN. MALE TERMINAL 0.64 -LEAD FREE-
05.09.09
0521170243 MOLEX7-0521170243 Datasheet
107Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing for AVSS 0.3, 2Circuits
0638275800 MOLEX-0638275800 Datasheet
21Kb / 1P
   Hand Crimp Tool for CMC Wire-to-Wire 1.50, Male Terminal, 0.75-1.00mm²
08/25/2022
0521170243 MOLEX1-0521170243_17 Datasheet
31Kb / 2P
   Mizu-P25 5.00mm Pitch Waterproof Wire-to-Wire Receptacle Housing for AVSS 0.3, 2 Circuits
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
0639044300 MOLEX-0639044300 Datasheet
32Kb / 1P
   FineAdjust Applicator for 3.30mm Pitch Wire-to-Wire Connector System Male and Female Terminals, 0.30mm² AVSS – 0.50mm² AVSS
08/25/2022
0521160243 MOLEX7-0521160243 Datasheet
99Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing for AVSS 0.3, 2 Circuits
0521160243 MOLEX1-0521160243_17 Datasheet
35Kb / 2P
   Mizu-P25 5.00mm Pitch Waterproof Wire-to-Wire Plug Housing for AVSS 0.3, 2 Circuits
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com