Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-91791-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-91791-001
Description  5.00mm (.197") Pitch Appli-Mate RAST Power IDT Housing, 10 Amp, Indirect, Female, 4 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91791-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-91791-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91791-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91791-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-91791-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0917912001
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate® RAST Power IDT Housing, 10 Amp, Indirect,
Female, 4 Circuits, Fully Coded, Open End Walls, No Polarizing Rib, Glow Wire
Compatible
Documents:
3D Model
Product Specification PS-91627-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
IDT and Solder Connectors
Series
91627
Crimp Quality Equipment
Yes
Overview
rast_5_connector_system
Product Name
RAST 5
Use With
RAST standard interface
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural (White)
Durability (mating cycles max)
10
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Silver
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Plating min: Mating (µin)
32
Plating min: Mating (µm)
0.80
Plating min: Termination (µin)
32
Plating min: Termination (µm)
0.80
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
22, 24
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Application Specification
AS-91627-001
Packaging Specification
PK-91627-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91627Series
Mates With
90860 Appli-Mate® Vertical Header. 90861
Appli-Mate® Right Angle Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Appli-Mate Rast
2.5 Power Manual
Terminator
0622030000
RAST 2.5 Semi-
Automatic
Terminator Machine
For Appli-Mate™
Connectors
0623006000


Numéro de pièce similaire - SD-91791-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-91791-001 MOLEX11-SD-91791-001 Datasheet
241Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST Power IDT Housing, 10 Amp, Indirect, Female, 6 Circuits
SD-91791-001 MOLEX11-SD-91791-001 Datasheet
241Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST Power IDT Housing, 10 Amp, Indirect, Female, 3 Circuits, Fully Coded
SD-91791-001 MOLEX11-SD-91791-001 Datasheet
241Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST Power IDT Housing, 10 Amp, Indirect, Female, 2 Circuits
SD-91791-001 MOLEX11-SD-91791-001 Datasheet
241Kb / 4P
   5.00mm (.197") Appli-Mate RAST 5 IDT Housing, 10 Amp, Indirect, Female, 3 Circuits, No Coding Keys Removed
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com