Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-130006-035 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-130006-035
Description  Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130006-035 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-130006-035 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130006-035 Datasheet HTML 2Page - Molex Electronics Ltd. SD-130006-035 Datasheet HTML 3Page - Molex Electronics Ltd. SD-130006-035 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300060192
Status:
Active
Overview:
minichange_products
Description:
Mini-Change® A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 0.91m
(3.0' ) Length, Cable Type STOOW
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E152210
General
Product Family
Industrial Cordsets
Series
130006
Comments
A-Size (7/8" - 16 UN-2B)
Connector End A
Mini-Change®
Connector End B
Pigtail
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
minichange_products
Product Name
Mini-Change®
Type
Single Ended
Physical
Cable Diameter
9.40mm (.370")
Cable Length
0.91m (3.0' )
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Male-Pigtail
Keyway
Single
LED Indicator
No
Material - Cable Jacket
PVC
Material - Connector Body
PVC
Material - Contact
Brass
Material - Coupling Nut
Black Epoxy Coated Zinc
Material - Plating Mating
Gold
Orientation
90° to Straight
Poles
2
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
16
Wire/Cable Type
STOOW
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Material Info
Old Part Number
102003A01F030
Reference - Drawing Numbers
Sales Drawing
SD-130006-035
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130006Series
This document was generated on 05/31/2010


Numéro de pièce similaire - SD-130006-035

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 1.83m (6.0 ) Length, Cable Type STOOW
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 6.10m (20.0 ) Length
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 6.10m
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 3.66m (12.0 ) Length, Cable Type STOOW
SD-130006-035 MOLEX11-SD-130006-035 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
More results

Description similaire - SD-130006-035

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
1300061700 MOLEX11-1300061700 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 0.91m (3.0 ) Length, Cable Type STOOW
1300060194 MOLEX11-1300060194 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 2 Poles, 1.83m (6.0 ) Length, Cable Type STOOW
1300061706 MOLEX11-1300061706 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 3.66m (12.0 ) Length, Cable Type STOOW
1300061703 MOLEX11-1300061703 Datasheet
232Kb / 4P
   Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 1.83m (6.0 ) Length, Cable Type STOOW
1300061672 MOLEX-1300061672 Datasheet
27Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 6 Poles, Male (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
04/24/2023
1300080115 MOLEX-1300080115 Datasheet
28Kb / 2P
   Mini-Change C-Size Single-Ended Cordset, 10 Poles, Male (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
02/28/2023
1300060529 MOLEX-1300060529 Datasheet
36Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
04/24/2023
1300060991 MOLEX-1300060991 Datasheet
45Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
04/04/2023
1300061435 MOLEX-1300061435 Datasheet
37Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
03/15/2023
1300061579 MOLEX-1300061579 Datasheet
27Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
03/15/2023
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com