Moteur de recherche de fiches techniques de composants électroniques |
|
SD-92315-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-92315-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 05/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0923150422 Status: Active Overview: picoflex Description: Picoflex® PF-50 IDT-to-IDT, 4 Circuits, 0.22m (8.66") Length Documents: 3D Model Product Specification PS-99020-0011 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Cable Assemblies Series 92315 Connector to Connector Picoflex® IDT-to-IDT Overview picoflex Product Name Picoflex® Physical Cable Length 0.22m (8.66") Circuits (Loaded) 4 Color - Resin Natural Gender Female-Female Lock to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Polyester Packaging Type Bag Pitch - Mating Interface (in) 0.050 In Pitch - Mating Interface (mm) 1.27 mm Plating min: Mating (µin) 80.00 Plating min: Mating (µm) 2.000 Plating min: Termination (µin) 80.00 Plating min: Termination (µm) 2.00 Single Ended No Termination Interface: Style IDT or Pierce Waterproof / Dustproof No Wire Insulation Diameter N/A Wire Size AWG 28 Wire/Cable Type PVC, Ribbon Cable Electrical Current - Maximum per Contact 1.2A Shielded No Voltage - Maximum 250V Material Info Reference - Drawing Numbers Product Specification PS-99020-0011 Sales Drawing SD-92315-001 Series image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 92315Series Mates With Picoflex® PF-50 Header 90325 , 90800 , 90779 , 90715 , 90814 This document was generated on 05/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Numéro de pièce similaire - SD-92315-001 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |