Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1842 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce 2SD1842
Description  100V/40A Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1842 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  2SD1842 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1842 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1842 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1842 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Numéro de pièce similaire - 2SD1842

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SD1840 SANYO-2SD1840 Datasheet
116Kb / 4P
   100V/4A Switching Applications
logo
Inchange Semiconductor ...
2SD1840 ISC-2SD1840 Datasheet
249Kb / 2P
   isc Silicon NPN Power Transistor
logo
Sanyo Semicon Device
2SD1841 SANYO-2SD1841 Datasheet
120Kb / 4P
   100V/25A Switching Applications
logo
Inchange Semiconductor ...
2SD1841 ISC-2SD1841 Datasheet
249Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SD1841 NJSEMI-2SD1841 Datasheet
116Kb / 2P
   Silicon PNP Power Transistor
More results

Description similaire - 2SD1842

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SA1827 SANYO-2SA1827 Datasheet
130Kb / 4P
   100V/4A Switching Applications
2SB1167 SANYO-2SB1167 Datasheet
126Kb / 4P
   100V/3A Switching Applications
2SA1826 SANYO-2SA1826 Datasheet
129Kb / 4P
   100V/3A Switching Applications
2SB1144 SANYO-2SB1144 Datasheet
130Kb / 4P
   100V/1.5A Switching Applications
2SB1231 SANYO-2SB1231 Datasheet
120Kb / 4P
   100V/25A Switching Applications
2SB1168 SANYO-2SB1168 Datasheet
128Kb / 4P
   100V/4A Switching Applications
2SB1230 SANYO-2SB1230 Datasheet
116Kb / 4P
   100V/4A Switching Applications
logo
PFC Device Inc.
PTR40100PT PFC-PTR40100PT Datasheet
662Kb / 6P
   40A 100V HPTR Schottky Rectifier
logo
ON Semiconductor
MBR41H100CT ONSEMI-MBR41H100CT Datasheet
64Kb / 6P
   SWITCHMODE Power Rectifier 100V, 40A
June, 2005 ??Rev. 1
logo
PFC Device Inc.
PTR40100CT PFC-PTR40100CT Datasheet
776Kb / 7P
   40A 100V HPTR Schottky Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com