Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0878390017 Fiches technique(PDF) 4 Page - Molex Electronics Ltd.

No de pièce 0878390017
Description  1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX10 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878390017 Fiches technique(HTML) 4 Page - Molex Electronics Ltd.

  0878390017 Datasheet HTML 1Page - Molex Electronics Ltd. 0878390017 Datasheet HTML 2Page - Molex Electronics Ltd. 0878390017 Datasheet HTML 3Page - Molex Electronics Ltd. 0878390017 Datasheet HTML 4Page - Molex Electronics Ltd. 0878390017 Datasheet HTML 5Page - Molex Electronics Ltd. 0878390017 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Numéro de pièce similaire - 0878390017

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0878390011 MOLEX10-0878390011 Datasheet
426Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0878390018 MOLEX10-0878390018 Datasheet
426Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0878390019 MOLEX10-0878390019 Datasheet
426Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
More results

Description similaire - 0878390017

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0878390018 MOLEX10-0878390018 Datasheet
426Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0878390011 MOLEX10-0878390011 Datasheet
426Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0878390019 MOLEX10-0878390019 Datasheet
426Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0878240003 MOLEX10-0878240003 Datasheet
355Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab
0879700001 MOLEX10-0879700001 Datasheet
287Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Through Hole, with Straight Solder Tab
0878240007 MOLEX10-0878240007 Datasheet
355Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab
0878240015 MOLEX10-0878240015 Datasheet
382Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
0878240004 MOLEX10-0878240004 Datasheet
382Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
0878240010 MOLEX10-0878240010 Datasheet
382Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
0878240008 MOLEX10-0878240008 Datasheet
382Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com