Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74959-8007 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 74959-8007
Description  2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Polarizing Pin Module, Code Key G
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX9 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74959-8007 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  74959-8007 Datasheet HTML 1Page - Molex Electronics Ltd. 74959-8007 Datasheet HTML 2Page - Molex Electronics Ltd. 74959-8007 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0749598007
Status:
Active
Overview:
vhdm__hsd
Description:
2.00mm (.079") Pitch 8-Row VHDM-HSD™ Backplane Header, Polarizing Pin Module,
Code Key G, 40 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
74959
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Position G, PCB Thickness 1.80mm (.070") to 4.00mm
(.157")
Component Type
PCB Header
Overview
vhdm__hsd
Product Name
VHDM-HSD™
Style
N/A
Physical
Circuits (Loaded)
N/A
Circuits (maximum)
0
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Stainless Steel
Number of Columns
8
Number of Pairs
Open Pin Field
Number of Rows
0
Orientation
Vertical
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.000 In
PCB Thickness Recommended (mm)
0.00 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Polarized to PCB
N/A
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
N/A
Electrical
Current - Maximum per Contact
N/A
Data Rate
5.0 Gbps
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74959-002
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74959Series


Numéro de pièce similaire - 74959-8007

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74959-8002 MOLEX9-74959-8002 Datasheet
276Kb / 3P
   2.00mm (.079) Pitch 8-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key B, 40 Circuits
74959-8003 MOLEX9-74959-8003 Datasheet
284Kb / 3P
   2.00mm (.079) Pitch 8-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key C, 40 Circuits
74959-8004 MOLEX9-74959-8004 Datasheet
276Kb / 3P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key D, 40 Circuits
74959-8005 MOLEX9-74959-8005 Datasheet
276Kb / 3P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Polarizing Pin Module, Code Key E
74959-8006 MOLEX9-74959-8006 Datasheet
276Kb / 3P
   2.00mm (.079) Pitch 8-Row VHDM-HSD??Backplane Header, Polarizing Pin Module, Code Key F, 40 Circuits
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com