Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74993-4000 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 74993-4000
Description  2.00mm (.079") Pitch HDM Board-to-Board Stacking Header, High Rise Vertical, SMC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX9 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74993-4000 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  74993-4000 Datasheet HTML 1Page - Molex Electronics Ltd. 74993-4000 Datasheet HTML 2Page - Molex Electronics Ltd. 74993-4000 Datasheet HTML 3Page - Molex Electronics Ltd. 74993-4000 Datasheet HTML 4Page - Molex Electronics Ltd. 74993-4000 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0749934000
Status:
Active
Overview:
hdm
Description:
2.00mm (.079") Pitch HDM® Board-to-Board Stacking Header, High Rise Vertical,
SMC, Double End Wall Option, Solder Tail, 72 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-73780-999 (PDF)
General
Product Family
Backplane Connectors
Series
74993
Application
Backplane, Mezzanine
Component Type
PCB Header
Overview
hdm
Product Name
HDM®
Style
N/A
Physical
Circuits (Loaded)
72
Circuits (maximum)
72
Color - Resin
Black
Durability (mating cycles max)
250
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
12
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.098 In
PCB Thickness Recommended (mm)
2.50 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
15
Plating min: Termination (µm)
0.375
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74993Series


Numéro de pièce similaire - 74993-4000

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74993-4009 MOLEX9-74993-4009 Datasheet
195Kb / 5P
   2.00mm (.079) Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical, SMC, Double End Wall Option, Solder Tail, 72 Circuits, Lead Free
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com