Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA5114 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce SMA5114
Description  N-channel With built-in flywheel diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA5114 Fiches technique(HTML) 1 Page - Sanken electric

  SMA5114 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
107
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
Characteristic curves
Symbol
Unit
Conditions
VR
120
V
IR=10
µA
VF
1.0
1.2
V
IF=1A
IR
10
µAVR=120V
trr
100
ns
IF=
±100mA
SMA5114
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
60
V
VGSS
±20
V
ID
±3A
ID(pulse)
±6 (PW≤1ms, Du≤1%)
A
EAS*
6.8
mJ
IAS
3A
4 (Ta=25
°C, with all circuits operating, without heatsink)
W
28 ((Tc=25
°C,with all circuits operating, with infinite heatsink)W
θ j–a 31.2 (Junction-Air, Ta=25°C, with all circuits operating) °C/W
θ j–c
4.46 (Junction-Case, Tc=25
°C, with all circuits operating) °C/W
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=20V, L=1mH, IL=3A, unclamped, see Fig. E on page 15.
PT
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
60
V
ID=100
µA, VGS=0V
IGSS
±10
µAVGS=±20V
IDSS
100
µAVDS=60V, VGS=0V
VTH
1.0
2.5
V
VDS=10V, ID=250
µA
Re(yfs)
1.0
2.3
S
VDS=10V, ID=1.0A
0.20
0.25
VGS=10V, ID=1.0A
0.25
0.30
VGS=4V, ID=1.0A
Ciss
170
pF
VDS=10V,
Coss
130
pF
f=1.0MHz,
Crss
20
pF
VGS=0V
td(on)
80
ns
ID=1A,
tr
170
ns
VDD 30V,
td(off)
330
ns
RL=30
Ω, VGS=5V,
tf
150
ns
see Fig. 3 on page 16.
VSD
1.0
1.5
V
ISD=3A, VGS=0V
trr
80
ns
ISD=
±100mA
Specification
min
typ
max
RDS(ON)
Specification
min
typ
max
11
10
12
8
5
1
9
4
3
2
7
6
02
4
6
8
0
3
2
1
10
VDS (V)
3.4V
3.2V
3V
VGS=2.8V
10V
01
2
0
1
2
3
3
VGS (V)
45
(VDS=10V)
25
°C
01
0
0.2
0.1
0.3
0.4
0.5
ID (A)
23
VGS=4V
10V
0.05
0.1
0.5
0.2
1
0.5
5
10
1
ID (A)
3
(VDS=10V)
TC=–40
°C
125
°C
25
°C
–40
0
0
0.2
0.1
0.3
0.4
0.5
50
TC (
°C)
100
150
(ID=1A)
VGS
=4V
10V
020
10
30
1
10
5
50
100
500
40
50
VDS (V)
Ciss
Coss
Crss
VGS=0V
f=1MHz
0
0.5
1.0
1.5
0
1
2
3
VSD (V)
1
0.5
5
50
10
0.1
0.05
1
0.5
5
10
100
VDS (V)
10ms
(1shot)
1ms
100
µ
s
RDS (ON) LIMITED
ID (pulse) max
(TC=25
°C)
25
30
20
15
10
5
0
With Silicone Grease
Natural Cooling
All Circuits Operating
0
50
100
150
Ta (
°C)
Without Heatsink
N-channel
With built-in flywheel diode
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
B • • • SMA
Electrical characteristics
qDiode for flyback voltage absorption


Numéro de pièce similaire - SMA5114

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
SMA511 MACOM-SMA511 Datasheet
355Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
SMA511 MA-COM-SMA511 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz Rev. V2
logo
Sanken electric
SMA5112 SANKEN-SMA5112 Datasheet
22Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5112 SANKEN-SMA5112 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5112 SANKEN-SMA5112_01 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
More results

Description similaire - SMA5114

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SDK02 SANKEN-SDK02 Datasheet
13Kb / 1P
   N-channel With built-in flywheel diode
SLA5002 SANKEN-SLA5002 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106 Datasheet
38Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SLA5040 SANKEN-SLA5040 Datasheet
13Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106_01 Datasheet
38Kb / 1P
   N-channel With built-in flywheel diode
SLA5031 SANKEN-SLA5031 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5105 SANKEN-SMA5105 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5102 SANKEN-SMA5102 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SLA5003 SANKEN-SLA5003 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com