Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA7026M Fiches technique(PDF) 5 Page - Sanken electric

No de pièce SLA7026M
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7026M Fiches technique(HTML) 5 Page - Sanken electric

  SLA7026M Datasheet HTML 1Page - Sanken electric SLA7026M Datasheet HTML 2Page - Sanken electric SLA7026M Datasheet HTML 3Page - Sanken electric SLA7026M Datasheet HTML 4Page - Sanken electric SLA7026M Datasheet HTML 5Page - Sanken electric SLA7026M Datasheet HTML 6Page - Sanken electric SLA7026M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
24
SLA7027MU/SLA7024M/SLA7026M
2-Phase Stepper Motor Unipolar Driver ICs (2-Phase/1-2 Phase Excitation)
SLA7027MU/SLA7024M/SLA7026M
Fig. 6 Chopper frequency vs. Motor coil resistance
60
50
40
30
20
10
0
0
2
4
6
8
10 12
14
16
15
20
25
30
35
40
Motor coil resistance Rm (
Ω)
VC
C =24V
VCC
=36V
TOFF =12 s
RS =1
Lm
=1~3ms
Rm
=
=
r3
C1
r4
C2
47k
500pF
µ
sDetermining the chopper frequency
Determining TOFF
The SLA7000M series are self-excited choppers. The chopping
OFF time TOFF is fixed by r3/C1 and r4/C2 connected to terminal
Td.
TOFF can be calculated using the following formula:
The circuit constants and the TOFF value shown below are rec-
ommended.
TOFF = 12
µs at r3=47kΩ, C1=500pF, Vb=5V
sChopper frequency vs. Supply voltage
0
VCC (V)
50
40
30
20
10
0
10
20
30
40
50
Motor : 23LM-C202
IO = 0.8A at VCC=24V
RS=1
sChopper frequency vs. Output current
0
IO (A)
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
Motor : 23LM-C202
VCC=24V
RS=1
TOFF
≅−r3 • C1 n (1−
=
−r4 • C2 n (1−
)
rr
2
Vb
2
Vb


Numéro de pièce similaire - SLA7026M

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SLA7026M ALLEGRO-SLA7026M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Sanken electric
SLA7026M SANKEN-SLA7026M Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7026M SANKEN-SLA7026M Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7026M SANKEN-SLA7026M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

Description similaire - SLA7026M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com