Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA7026M Fiches technique(PDF) 2 Page - Sanken electric

No de pièce SLA7026M
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7026M Fiches technique(HTML) 2 Page - Sanken electric

  SLA7026M Datasheet HTML 1Page - Sanken electric SLA7026M Datasheet HTML 2Page - Sanken electric SLA7026M Datasheet HTML 3Page - Sanken electric SLA7026M Datasheet HTML 4Page - Sanken electric SLA7026M Datasheet HTML 5Page - Sanken electric SLA7026M Datasheet HTML 6Page - Sanken electric SLA7026M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
21
SLA7027MU/SLA7024M/SLA7026M
SLA7027MU/SLA7024M/SLA7026M
2-Phase Stepper Motor Unipolar Driver ICs (2-Phase/1-2 Phase Excitation)
sInternal Block Diagram
sDiagram of Standard External Circuit(Recommended Circuit Constants)
1, 8, 11, 18pin
Description of pins
Excitation input
Active H
Active L
Pin 1
OUTA
OUTA
Pin 8
OUTA
OUTA
Pin 11
OUTB
OUTB
Pin 18
OUTB
OUTB
Reg
23
4
9
Reg
81
6
5
7
12
17
16
18
11
14
13
15
10
+
+
+
+
Active High
712
8
1
18
11
VSA VSB
OUTAOUTB
OUTB
OUTA
RSA REFA REFB RSB
GA
GB
9
3 14
10
4
15
C4
r6
r5
r2
r1
r4
r3
C1
C2
13
TdA
TdB
INA
INA
INB
INB
INA
INA
INB
INB
6
5
17
16
Active
High
+
VCC (46V max)
Vb (5V)
Rs
Rs
C3
SLA7024M
7026M
7027MU
2
Active Low
712
8
1
18
11
VSA VSB
OUTA OUTB
OUTB
OUTA
RSA REFA REFB RSB
GA
GB
9
3 14
10
4
15
C4
r6
r5
r2
r1
r4
r3
C1
C2
13
TdA
TdB
INA
INA
INB
INB
INA
INA
INB
INB
6
5
17
16
Active
Low
+
VCC (46V max)
Vb (5V)
Rs
Rs
C3
SLA7024M
7026M
7027MU
2
r1 : 510
r2 : 100
Ω(VR)
r3 : 47k
r4 : 47k
r5 : 2.4k
r6 : 2.4k
C1 : 470pF
C2 : 470pF
C3 : 2200pF
C4 : 2200pF
Rs :1
Ω typ(7024M)
0.68
Ω typ(7026M)
1.8
Ω typ(7027MU)
1-2 phase excitation
clock
0
1
2
3
4
5
6
7
0
1
2
3
INA
L
L
HHH HH
L
L
L
H H
INA
HH H
L
L
L
H H HHHL
INB
HL
L
L
H H H H HL
L
L
INB
HH HHHL
L
L
HHH H
r1 : 510
r2 : 100
Ω (VR)
r3 : 47k
r4 : 47k
r5 : 2.4k
r6 : 2.4k
C1 : 470pF
C2 : 470pF
C3 : 2200pF
C4 : 2200pF
Rs :1
Ω typ(7024M)
0.68
Ω typ(7026M)
1.8
Ω typ(7027MU)
(1 to 2W)
1-2 phase excitation
clock
0
1
2345
670
123
INA
H H LLLL
L
H H H
LL
INA
LL
L
H H H
LLL
LL
H
INB
L
H H H
LL
LLL
H H H
INB
LL
LLL
H H H
L
LLL
Excitation signal time chart
2-phase excitation
clock
0
1
2
3
0
1
INA
HL
L
H
H
L
INA
L
HHL
L
H
INB
HH
L
L
H
H
INB
LLH
H
L
L
Excitation signal time chart
2-phase excitation
clock
0
1
2
3
0
1
INA
L
HHL
L
H
INA
HL
L
H
HL
INB
LL
H
H
L
L
INB
HH
L
L
H
H
(1 to 2W)


Numéro de pièce similaire - SLA7026M

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SLA7026M ALLEGRO-SLA7026M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Sanken electric
SLA7026M SANKEN-SLA7026M Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7026M SANKEN-SLA7026M Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7026M SANKEN-SLA7026M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

Description similaire - SLA7026M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com