Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA5040 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce SLA5040
Description  N-channel With built-in flywheel diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5040 Fiches technique(HTML) 1 Page - Sanken electric

  SLA5040 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70
Characteristic curves
SLA5040
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
100
V
ID=250
µA, VGS=0V
IGSS
±500
nA
VGS=
±20V
IDSS
250
µAVDS=100V, VGS=0V
VTH
2.0
4.0
V
VDS=10V, ID=250
µA
Re(yfs)
1.1
1.7
S
VDS=10V, ID=4A
RDS(ON)
0.50
0.60
VGS=10V, ID=4A
Ciss
180
pF
VDS=25V, f=1.0MHz,
Coss
82
pF
VGS=0V
ton
40
ns
ID=4A, VDD=50V, VGS=10V,
toff
40
ns
see Fig. 3 on page 16.
VSD
1.2
2.0
V
ISD=4A, VGS=0V
trr
250
ns
ISD=
±100mA
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
100
V
VGSS
±20
V
ID
±4A
ID(pulse)
±8 (PW≤1ms)
A
EAS*16
mJ
IF
4 (PW
≤0.5ms, Du≤25%)
A
IFSM
8 (PW
≤10ms, Single pulse)
A
VR
120
V
PT
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C,with all circuits operating, with infinite heatsink)
W
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating) °C/W
θ j-c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating) °C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=20V, L=1mH, ID=5A, unclamped, see Fig. E on page 15.
Specification
min
typ
max
Symbol
Unit
Conditions
VR
120
V
IR=10
µA
VF
1.0
1.2
V
IF=1A
IR
10
µAVR=120V
trr
100
ns
IF=
±100mA
qDiode for flyback voltage absorption
Specification
min
typ
max
1
2
5
4
6
3
8
9
12
11
10
7
N-channel
With built-in flywheel diode
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram
External dimensions
A • • • SLA


Numéro de pièce similaire - SLA5040

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA5041 SANKEN-SLA5041 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041 Datasheet
35Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041 Datasheet
35Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
   N-channel General purpose
More results

Description similaire - SLA5040

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SDK02 SANKEN-SDK02 Datasheet
13Kb / 1P
   N-channel With built-in flywheel diode
SLA5002 SANKEN-SLA5002 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106 Datasheet
38Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5114 SANKEN-SMA5114 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106_01 Datasheet
38Kb / 1P
   N-channel With built-in flywheel diode
SLA5031 SANKEN-SLA5031 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5105 SANKEN-SMA5105 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5102 SANKEN-SMA5102 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SLA5003 SANKEN-SLA5003 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com