Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA5013 Fiches technique(PDF) 2 Page - Sanken electric

No de pièce SLA5013
Description  N-channel P-channel H-bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5013 Fiches technique(HTML) 2 Page - Sanken electric

  SLA5013 Datasheet HTML 1Page - Sanken electric SLA5013 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
Re(yfs)-ID Characteristics (Typical)
Safe Operating Area (SOA)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
PT-Ta Characteristics
Characteristic curves
SLA5013
(Ta=25
°C)
N channel
P channel
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
V(BR)DSS
100
V
ID=250
µA, VGS=0V
–100
V
ID=–250
µA, VGS=0V
IGSS
±500
nA
VGS=
±20V
500
nA
VGS= 20V
IDSS
250
µAVDS=100V, VGS=0V
–250
µAVDS=–100V, VGS=0V
VTH
2.0
4.0
V
VDS=10V, ID=250
µA
–2.0
–4.0
V
VDS=–10V, ID=–250
µA
Re(yfs)
2.4
3.7
S
VDS=10V, ID=5A
0.9
2.0
S
VDS=–10V, ID=–5A
RDS(ON)
0.27
0.30
VGS=10V, ID=5A
0.55
0.7
VGS=–10V, ID=–5A
Ciss
350
pF
VDS=25V, f=1.0MHz,
300
pF
VDS=–25V, f=1.0MHz,
Coss
130
pF
VGS=0V
200
pF
VGS=0V
ton
60
ns
ID=5A, VDD 50V, VGS=10V,
150
ns
ID=–5A, VDD
–50V, VGS=–10V,
toff
40
ns
see Fig. 3 on page 16.
200
ns
see Fig. 4 on page 16.
VSD
1.1
1.8
V
ISD=5A, VGS=0V
–4.5
–5.5
V
ISD=–5A, VGS=0V
trr
330
ns
ISD=
±100mA
220
ns
ISD= 100mA
0.3
0.05
0.5
1
1
5
7
ID (A)
510
0.5
0.1
(VDS=10V)
25
°C
125
°C
T
C=–40
°C
0
1020
3040
50
50
100
1000
VDS (V)
500
10
VGS=0V
f=1MHz
Ciss
Coss
Crss
0
1.0
1.5
VSD (V)
0.5
10
6
0
4
2
8
5V
10V
0.5
0.1
1
5
10
50
100
1
10
20
VDS (V)
0.5
5
(TC=25
°C)
ID (pulse) max
1ms
10
ms
(1shot)
R
DS
(ON)
LIMITED
100
µ
s
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink
0.3
–0.5
–1
1
5
ID (A)
–5
–10
0.5
–0.1
–0.05
(VDS=–10V)
25
°C
125
°C
TC
=–40
°C
0
–10
–20
–30
–40
–50
50
100
1000
VDS (V)
500
20
VGS=0V
f=1MHz
Ciss
Coss
Crss
0–3
VSD (V)
–1
–10
–6
0
–4
–2
–2
–4
–8
–5V
–10V
–0.5
–0.1
–1
–5
–10
–50 –100
–1
–5
–20
VDS (V)
–0.5
–10
(TC=25
°C)
ID (pulse) max
1ms
10
ms
(1shot)
R
DS
(ON)
LIMITED
100
µ
s
Electrical characteristics


Numéro de pièce similaire - SLA5013

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA5010 SANKEN-SLA5010 Datasheet
32Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5011 SANKEN-SLA5011 Datasheet
57Kb / 5P
   5-Phase Stepper Motor Driver ICs
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5012 SANKEN-SLA5012 Datasheet
21Kb / 1P
   P-channel General purpose
SLA5015 SANKEN-SLA5015 Datasheet
21Kb / 1P
   P-channel General purpose
More results

Description similaire - SLA5013

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA5007 SANKEN-SLA5007 Datasheet
30Kb / 2P
   N-channel P-channel H-bridge
SLA5018 SANKEN-SLA5018 Datasheet
30Kb / 2P
   N-channel P-channel H-bridge
SLA5008 SANKEN-SLA5008 Datasheet
31Kb / 2P
   N-channel P-channel H-bridge
SMA5103 SANKEN-SMA5103 Datasheet
29Kb / 2P
   N-channel P-channel H-bridge
logo
Unisonic Technologies
2NNPP06 UTC-2NNPP06 Datasheet
221Kb / 6P
   60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
1NNPP10 UTC-1NNPP10 Datasheet
221Kb / 6P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
alpha microelectronics ...
AMG-PI004 ALPHA-MICRO-AMG-PI004 Datasheet
1Mb / 20P
   H-Bridge/Full Bridge Array of P and N channel MOSFETs
logo
Zetex Semiconductors
ZXMHN6A07T8 ZETEX-ZXMHN6A07T8 Datasheet
177Kb / 7P
   60V N-CHANNEL MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHN6A07T8 DIODES-ZXMHN6A07T8 Datasheet
186Kb / 7P
   60V N-CHANNEL MOSFET H-BRIDGE
DMHT10H032LFJ DIODES-DMHT10H032LFJ Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
June 2020 Rev. 2 - 2
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com