Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA3001M Fiches technique(PDF) 3 Page - Sanken electric

No de pièce SLA3001M
Description  3-Output Dropper/Switching Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA3001M Fiches technique(HTML) 3 Page - Sanken electric

  SLA3001M Datasheet HTML 1Page - Sanken electric SLA3001M Datasheet HTML 2Page - Sanken electric SLA3001M Datasheet HTML 3Page - Sanken electric SLA3001M Datasheet HTML 4Page - Sanken electric SLA3001M Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
116
SLA3001M
SLA3002M
SLA3004M
sStandard External Circuit
sOutline Drawing
a : Part Number
b : Lot Number
Forming No. LF861
One Dropper Type Circuit
One Switching Type Circuit
sBlock Diagram
VO1
VIN1
VC1
4
2
C1
C4
5
3
1
Amp.
Start
Drive
ON/OFF
Protec-
tion
VREF
+
+
VIN1
VIN
2
1
NC
C1
C4
D1
3
4
5
Start
Reset
Drive
+
+
Amp.
COMP
L1
OSC
Protec-
tion
VREF
qSLA3001M/3002M/3004M
31
±0.2
31.3
±0.2
3.2
±0.15 × 3.8
3.2
±0.15
24.4
±0.2
16.4
±0.2
1.7
±0.1
2.45
±0.2
4
±0.7
4.8
±0.2
4–(R1)
R-END
0.55
+0.7
–0.1
1.15
+0.2
–0.1
0.65
+0.2
–0.1
14
×P2.03±0.7=28.42±1
12 34 567 8 9 10 1112 13 14 15
SK JAPAN
φ
φ
a
b
(Tip dimension)
(Tip dimension)
(Root dimension)
VIN1
VO1
VO2
VO3
VC1
VIN2
VC2
VIN3
VC3
4
9
7
14
12
2
C1
C2
C3
C4
C5
C6
5
3
1
10
8
6
13
15
11
Amp.
Start
Drive
ON/OFF
Protec-
tion
VREF
Amp.
Start
Drive
ON/OFF
Protec-
tion
VREF
Amp.
Start
Drive
ON/OFF
Protec-
tion
VREF
+
+
+
+
+
VO2
VC
9
7
C2
C5
10
8
6
+
+
+
VO1
2
1
NC
C1
C4
D1
D2
D2
D2
D1
3
4
5
Start
Reset
Drive
+
+
VIN3
VIN2
VIN1
VO3
12
11
NC
C3
C4
15
14
15
+
+
VO1
2
1
C1
L1
L2
C4
3
4
5
+
+
VO2
7
2
C2
C5
8
9
10
+
+
L3
VIN3
VIN2
VIN3
VO3
12
11
C3
C6
13
14
15
Amp.
COMP
+
+
NC
NC
NC
L1
L2
Amp.
Start
Drive
ON/OFF
OSC
Protec-
tion
Protec-
tion
VREF
VREF
Start
Reset
Drive
Amp.
COMP
OSC
Protec-
tion
VREF
Start
Reset
Drive
Amp.
COMP
OSC
Protec-
tion
VREF
Start
Reset
Drive
Amp.
COMP
OSC
Protec-
tion
VREF
Start
Reset
Drive
Amp.
COMP
OSC
Protec-
tion
VREF


Numéro de pièce similaire - SLA3001M

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SLA3001M ALLEGRO-SLA3001M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
More results

Description similaire - SLA3001M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3000P SANKEN-SI-3000P Datasheet
45Kb / 4P
   3-Terminal, Dropper Type
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
   3-terminal Dropper Type Regulator
SI-3102S SANKEN-SI-3102S Datasheet
32Kb / 2P
   Dropper Type Dual Output Regulator
SI-3101S SANKEN-SI-3101S Datasheet
34Kb / 2P
   Dropper Type Dual Output Regulator
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
SI-3001S SANKEN-SI-3001S Datasheet
36Kb / 2P
   Dropper Type Regulator with Output On/Off Control
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SLA3005M SANKEN-SLA3005M Datasheet
167Kb / 7P
   4-Output, Low Dropout Voltage Dropper Type for USB Hub
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com