Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-7600D Fiches technique(PDF) 3 Page - Sanken electric

No de pièce SI-7600D
Description  3-Phase Stepper Motor Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7600D Fiches technique(HTML) 3 Page - Sanken electric

  SI-7600D Datasheet HTML 1Page - Sanken electric SI-7600D Datasheet HTML 2Page - Sanken electric SI-7600D Datasheet HTML 3Page - Sanken electric SI-7600D Datasheet HTML 4Page - Sanken electric SI-7600D Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
100
SI-7600/SI-7600D
3-Phase Stepper Motor Driver ICs (Star Connection/Delta Connection)
SI-7600/SI-7600D
1. Outline
The SI-7600/SI-7600D is a control IC used with a power MOS
FET array to drive a 3-phase stepper motor. Select the output-
stage MOS FET according to the rated current of the motor.
The full step is 2-phase excitation when this IC is in a star con-
nection but 3-phase excitation when it is in a delta connection.
2. Features
q Suitable for both star connection drive and delta connection drive
q Maximum load supply voltage VBB=45V
q Control logic supply voltage Vcc=3 to 5.5V
q Supports star connection (2/2-3phase excitation) and delta
connection (3/2-3phase excitation)
q Step switching timing by clock signal input
q Forward/reverse, hold, and motor-free control
q Step switching at the positive edge or positive/negative edge
of the clock signal
q Control current automatic switching function for 2-3phase ex-
citation (effective for star connection)
(Current control: 86% for 2-phase excitation, 100% for 3-phase
excitation)
q Self-excitation constant-current chopping by external C/R
q Slow Decay, Mixed Decay, or Fast Decay selectable
q Two package lineup: SOP (surface mounting) and DIP (lead
insertion)
SOP…SI-7600, DIP…SI-7600D
q Maximum output current depends on the ratings of the MOS
FET array used
3. Input Logic Truth Table
Input terminal
Low level
High level
CW/CCW
CW
CCW
Full/Half
2-3phase excitation
2-phase excitation
Enable
Disable
Enable
Mode
Always 100%
2-phase excitation: 85%
(Note 1)
3-phase excitation: 100%
Edge
Positive
Positive/negative
(Note 2)
Reset
Enable
Internal logic reset
(Note 3)
output disable
Select CW/CCW, Full/Half, or Edge when the clock level is low.
Note 1: The control current is always 85% for the full step (2-
phase excitation) when the Mode terminal level is high.
The value of 100% control current is calculated at the
VREF/(5
×Rs) terminal because a 1/5 buffer is built into
the reference section.
Note 2: When the Edge terminal level is set high, the internal
counter increments both at the rising and falling edges.
Therefore, the duty ratio of the input clock should be set
at 50%.
Note 3: When the Reset terminal level is set high, the internal
counter is reset. Output remains disabled as long as the
Reset terminal level is high.
4. Determining the control current
The control current Io can be calculated as follows:
When the Mode terminal level is low
IO
≅VREF/(5×RS)
When the Mode terminal level is high
IO
≅VREF/(5×RS)→ 3-phase excitation
IO
≅VREF/(5.88×RS)→ 2-phase excitation
The reference voltage can be set within the range of 0.2V to Vcc
−2V.
(When the voltage is less than 0.2V, the accuracy of the refer-
ence voltage divider ratio deteriorates.)
5. About the Current Control System (Setting the
Constant Ct/Rt)
The SI-7600 uses a current control system of the self-excitation
type with a fixed chopping OFF time.
The chopping OFF time is determined by the constant Ct/Rt.
The constant Ct/Rt is calculated by the formula
TOFF
≅1.1×Ct×Rt…… (1)
The recommended range of constant Ct/Rt is as follows:
Ct: 420 to 1100pF
Rt: 15 to 75k
(Slow Decay or Mixed Decay
→560pF/47kΩ, Fast Decay →
470pF/20k
Ω)
Usually, set TOFF to a value where the chopping frequency be-
comes about 30 to 40kHz.
The mode can be set to Slow Decay, Fast Decay, or Mixed De-
cay depending on the PFD terminal input potential.
PFD applied voltage and decay mode
PFD applied voltage
Decay mode
0 to 0.3V
Fast Decay
0.7V to 1.3V
Mixed Decay
1.7V to Vcc
Slow Decay
In Mixed Decay mode, the Fast/Slow time ratio can be set using
the voltage applied to the PFD terminal. The calculated values
are summarized below.
In this mode, the point of switching from Fast Decay to Slow
Decay is determined by the RC terminal voltage that determines
the chopping OFF time and by the PFD input voltage VPFD.
Formula (1) is used to determine the chopping OFF time.
The Fast Decay time is then determined by the RC discharge
time from the RC voltage (about 1.5V) to the PFD input voltage
(VPFD) when chopping is turned from ON to OFF.
The Fast Decay time is
……(2)
The Slow Decay time (tOFFs) is calculated by subtracting the value
of (2) from that of (1).
tOFFS
≅TOFF−tOFFf ……(3)
Application Notes
tOFFf
≅−RT×CT×ln (
)
VPFD
1.5


Numéro de pièce similaire - SI-7600D

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
SI-70002 BEL-SI-70002 Datasheet
300Kb / 4P
   SI-70002
SI-70003 BEL-SI-70003 Datasheet
252Kb / 4P
   SI-70003
SI-70004 BEL-SI-70004 Datasheet
323Kb / 4P
   SI-70004
SI-70004-F BEL-SI-70004-F Datasheet
334Kb / 4P
   SI-70004-F
SI-70005 BEL-SI-70005 Datasheet
324Kb / 4P
   SI-70005
More results

Description similaire - SI-7600D

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-7502 SANKEN-SI-7502 Datasheet
57Kb / 5P
   5-Phase Stepper Motor Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1361F SHINDENGEN-MTD1361F Datasheet
92Kb / 4P
   Stepper Motor Driver ICs
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SPF7211 SANKEN-SPF7211 Datasheet
44Kb / 2P
   2-ph Stepper-motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com