Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3025B Fiches technique(PDF) 5 Page - Sanken electric

No de pièce SI-3025B
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3025B Fiches technique(HTML) 5 Page - Sanken electric

  SI-3025B Datasheet HTML 1Page - Sanken electric SI-3025B Datasheet HTML 2Page - Sanken electric SI-3025B Datasheet HTML 3Page - Sanken electric SI-3025B Datasheet HTML 4Page - Sanken electric SI-3025B Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
32
sTypical Characteristics (When setting VO=15.7V for SI3025B)
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3157B)
Rise Characteristics(SI-3157B)
Line Regulation
Load Regulation
Overcurrent Protection Characteristics(SI-3157B)
Output ON/OFF Control
Thermal Protection Characteristics
Note on Thermal Protection:
The thermal protection circuit is intended for pro-
tection against heat during instantaneous short-
circuiting. Its operation is not guaranteed for short-
circuiting over extended periods of time.
0
0.05
0.1
0.15
0.2
0.25
0.3
0.5
0.4
0.3
0.2
0.1
0
Output Current IO (A)
–40
0
–20
40
20
80
60
140
100 120
16.0
15.9
15.8
15.7
15.6
15.5
15.4
15.3
Ambient Temperature TC (
°C)
VIN=18V
lO=0A
14
18
16
22
20
24
26
28
16.1
15.9
15.7
15.5
15.3
15.1
14.9
Input Voltage VIN (V)
lO=0A
0.1A
0.2A
0.27A
0
0.1
0.05
0.15
0.2
0.25
0.3
16.1
15.9
15.7
15.5
15.3
15.1
14.9
Output Current IO (A)
VIN=27V
25V
22V
18V
16.5V
0
0.1
0.3
0.4
0.2
0.5
0.6
0.7
20
15
10
5
0
Output Current IO (A)
18V
22V
25V
01
2
3
4
20
15
10
5
0
Output ON/OFF Control VC (V)
VIN=18V
lO=0A
040
20
100
80
60
140 160
120
180
20
15
10
5
0
Case Temperature TC (
°C)
VIN=18V
lO=10mA
(Ta=25
°C)
qSI-3000B Series
05
15
10
25
20
30
20
15
10
5
0
Input Voltage VIN (V)
lO=0A
0.1A
0.2A
0.27A


Numéro de pièce similaire - SI-3025B

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3025B SANKEN-SI-3025B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Description similaire - SI-3025B

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com