Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3011S Fiches technique(PDF) 3 Page - Sanken electric

No de pièce SI-3011S
Description  Dropper Type Regulator with Reset Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3011S Fiches technique(HTML) 3 Page - Sanken electric

  SI-3011S Datasheet HTML 1Page - Sanken electric SI-3011S Datasheet HTML 2Page - Sanken electric SI-3011S Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12
0
0.5
1.0
0
s VRST Terminal L-level Output Characteristics
2
13
4
5
6
Input voltage VIN (V)
4.0
6
5
4
3
2
1
0
s Reset Threshold Voltage Characteristics
4.5
5.0
Output voltage VO (V)
20
10
30
40
50
0
s DLY Terminal Source Current Characteristics
0
5
10
15
20
25
30
Input voltage VIN (V)
3
2
1
4
5
6
0
s DLY Terminal Output Voltage Characteristics
0
1
234
5
DLY terminal voltage VDLY (V)
IO = 0A
IO = 0A
100m
10m
1m
1
100
µ
s Reset Signal Delay Characteristics
1000p
0.01
µ
0.1
µ
1
µ
10
µ
100
µ
Delay capacitor capacity CDLY ( )
VIN = 14V
IO = 0A
0.1A
0.3A
IOUT = 0A
IOUT = 0A
Dropper Type Regulator with Reset Function
SI-3011S


Numéro de pièce similaire - SI-3011S

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-3011ZD ALLEGRO-SI-3011ZD Datasheet
60Kb / 2P
   Surface-Mount, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZD SANKEN-SI-3011ZD Datasheet
60Kb / 2P
   Surface-Mount Low Dropout Voltage Linear Regulator ICs
SI-3011ZD SANKEN-SI-3011ZD Datasheet
62Kb / 2P
   Surface-Mount, Low Dropout Voltage
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
More results

Description similaire - SI-3011S

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
logo
New Japan Radio
NJM78LR05 NJRC-NJM78LR05 Datasheet
270Kb / 9P
   SERIES REGULATOR WITH RESET FUNCTION
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
logo
Sanken electric
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
   3-terminal Dropper Type Regulator
SI-3102S SANKEN-SI-3102S Datasheet
32Kb / 2P
   Dropper Type Dual Output Regulator
SI-3101S SANKEN-SI-3101S Datasheet
34Kb / 2P
   Dropper Type Dual Output Regulator
SI-3001S SANKEN-SI-3001S Datasheet
36Kb / 2P
   Dropper Type Regulator with Output On/Off Control
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com