Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74697-1001 Fiches technique(PDF) 4 Page - Molex Electronics Ltd.

No de pièce 74697-1001
Description  2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 4.75mm (.187)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX9 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74697-1001 Fiches technique(HTML) 4 Page - Molex Electronics Ltd.

  74697-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 74697-1001 Datasheet HTML 2Page - Molex Electronics Ltd. 74697-1001 Datasheet HTML 3Page - Molex Electronics Ltd. 74697-1001 Datasheet HTML 4Page - Molex Electronics Ltd. 74697-1001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Numéro de pièce similaire - 74697-1001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74697-1001 MOLEX-74697-1001 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results

Description similaire - 74697-1001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0746971011 MOLEX9-0746971011 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 4.75mm (.187)
0746972501 MOLEX9-0746972501 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 4.75mm (.187)
0749801001 MOLEX9-0749801001 Datasheet
429Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187")
0749812511 MOLEX9-0749812511 Datasheet
414Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 4.75mm (.187)
0746962501 MOLEX9-0746962501 Datasheet
377Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 100 Circuits, Pin Length 4.75mm (.187)
0749811011 MOLEX9-0749811011 Datasheet
417Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Shield End Version, 40 Circuits, Pin Length 4.75mm (.187")
0746961011 MOLEX8-0746961011 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187")
0746961006 MOLEX8-0746961006 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187")
0746961001 MOLEX8-0746961001 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187")
0737826200 MOLEX8-0737826200 Datasheet
204Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187")
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com