Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74980-1001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 74980-1001
Description  2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX9 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74980-1001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  74980-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 74980-1001 Datasheet HTML 2Page - Molex Electronics Ltd. 74980-1001 Datasheet HTML 3Page - Molex Electronics Ltd. 74980-1001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0749801001
Status:
Active
Overview:
vhdm__hsd
Description:
2.00mm (.079") Pitch 6-Row VHDM-HSD™ Backplane Header, Guide Pin Signal
Module, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
74980
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
No Keying Position
Component Type
PCB Header
Overview
vhdm__hsd
Product Name
VHDM-HSD™
Style
N/A
Physical
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
Copper-Nickel-Silicon, High Performance Alloy (HPA),
Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
10
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74980Series
Mates With
74880 VHDM\HSD Daughtercard
Use With
Daughtercard Modules
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
VHDM® Signal Pin
Inserter Repair Tool
0622015700
VHDM-HSD™ Signal
Header, 6 Row by
10 Wide, 20.00mm
(.787")
0622020216


Numéro de pièce similaire - 74980-1001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74980-1002 MOLEX9-74980-1002 Datasheet
429Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits
74980-1003 MOLEX9-74980-1003 Datasheet
429Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 4.25mm (.167)
74980-1004 MOLEX9-74980-1004 Datasheet
429Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com