Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMB-2306 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce FMB-2306
Description  30A Schottky barrier diode in TO220F package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-2306 Fiches technique(HTML) 1 Page - Sanken electric

  FMB-2306 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ta=150
°C
125
°C
100
°C
60
°C
25
°C
0
0.4
0.6
0.2
0.8
1.2
1.0
1.4
0.001
1
0.1
0.01
10
100
Forward voltage VF (V)
VF –IF Characteristic (Typ.)
0
5
10
15
20
25
30
0
10
20
30
40
=
t / T 1/6
t/ T
= 1/ 3, Sinewave
t / T 1/2
=
D.C.
Average forward current IF(AV) (A)
IF(AV) –PF Characteristic
T
t
Tj =150ºC
Sinewave
1– t / T
= 5/6
1– t / T
= 2/3
1– t / T
= 1/2
0
102030
40
50
60
0
10
20
30
45
40
Reverse voltage VR (V)
VR –PR Characteristic
T
t
Tj =150ºC
0
50
100
150
0
10
20
VR =0V
30
Case temperature TC (
°C)
TC –IF(AV) Characteristic
T
t
Tj =150ºC
=
t / T 1/6
t / T 1/2
=
D.C.
0
50
100
150
0
10
20
VR =60V
30
Case temperature TC (
°C)
TC –IF(AV) Characteristic
T
t
Tj =150ºC
=
t / T 1/3
Sinewave
t / T 1/2
=
D.C.
Ta =150
°C
125
°C
100
°C
60
°C
25
°C
020
30
10
50
40
60
0.001
1
0.1
0.01
10
100
Reverse voltage VR (V)
VR –IR Characteristic (Typ.)
500
510
520
530
540
570
590
580
600
610
620
0
10
20
30
40
0
10
20
30
30A Schottky barrier diode in TO220F package
FMB-2306
qIF=30A in TO220F package
qTj=150
°C guaranteed
Parameter
Ratings
Unit
Conditions
10ms Half-cycle sinewave Single Shot
V
A
A
A
2s
°C
°C
60
30
150
112
– 40 to +150
– 40 to +150
VRM
IF(AV)
IFSM
I
2t
Tj
Tstg
mA
mA
mA
°C/W
Parameter
Ratings
Unit
Conditions
V
0.7max
8.0max
115max
400max
4.0max
VF
IF=15A
VR=VRM
Tj =125
°C, VR=VRM
Tj =150
°C, VR=VRM
Junction-to-case
IR
H.IR1
H.IR2
Rth(j-c)
(Ta =25
°C)
sAbsolute maximum ratings
sFeature
sElectrical characteristics
3.3
1.35
10.0
0.85
2.54
2.54
4.2
2.8
C0.5
2.4
0.45
+0.2
–0.1
(IF=10A)
(IF=15A)
VF Distribution
N (pcs)
VF Distribution
N (pcs)
External dimensions (Unit: mm)
Flammability:
UL94V-0 or equivalent
t/ T
= 1/ 3, Sinewave
Reference data


Numéro de pièce similaire - FMB-2306

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
FMB-2306 SANKEN-FMB-2306 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
More results

Description similaire - FMB-2306

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
FME-230A SANKEN-FME-230A Datasheet
32Kb / 1P
   100V, 30A Schottky barrier diode in TO220F package
FMJ-23L SANKEN-FMJ-23L Datasheet
18Kb / 1P
   10A Schottky barrier diode in TO220F package
FME-220A SANKEN-FME-220A Datasheet
32Kb / 1P
   100V, 20A Schottky barrier diode in TO220F package
logo
Alpha & Omega Semicondu...
AOTF3N80 AOSMD-AOTF3N80 Datasheet
102Kb / 1P
   TO220F PACKAGE MARKING DESCRIPTION
logo
Renesas Technology Corp
RJS6005WDPK RENESAS-RJS6005WDPK Datasheet
64Kb / 4P
   600V - 30A - Diode SiC Schottky Barrier Diode
RJS6005WDPK RENESAS-RJS6005WDPK_15 Datasheet
68Kb / 4P
   600V - 30A - Diode SiC Schottky Barrier Diode
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
   Schottky Barrier Diode MODULE 80A/30A
logo
NXP Semiconductors
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
   Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
logo
Nexperia B.V. All right...
BAT54H NEXPERIA-BAT54H Datasheet
1Mb / 8P
   Schottky barrier single diode in small SOD123F package
25 July 2012
logo
NXP Semiconductors
BAT54H PHILIPS-BAT54H_15 Datasheet
143Kb / 8P
   Schottky barrier single diode in small SOD123F package
25 July 2012
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com