Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74642-1003 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 74642-1003
Description  6.25mm (.246") Pitch Ganged RF Receptacle, Right Angle, 2 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX8 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74642-1003 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  74642-1003 Datasheet HTML 1Page - Molex Electronics Ltd. 74642-1003 Datasheet HTML 2Page - Molex Electronics Ltd. 74642-1003 Datasheet HTML 3Page - Molex Electronics Ltd. 74642-1003 Datasheet HTML 4Page - Molex Electronics Ltd. 74642-1003 Datasheet HTML 5Page - Molex Electronics Ltd. 74642-1003 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0746421003
Status:
Active
Overview:
ganged_rf
Description:
6.25mm (.246") Pitch Ganged RF Receptacle, Right Angle, 2 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-74854-001 (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Backplane Connectors
Series
74642
Application
Daughtercard
Comments
Port Number 2 Loaded
Component Type
PCB Receptacle
Overview
ganged_rf
Product Name
Ganged RF
Style
N/A
Physical
Circuits (Loaded)
2
Circuits (maximum)
6
Color - Resin
Natural
Durability (mating cycles max)
500
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Resin
High Temperature Thermoplastic
Number of Columns
3
Number of Pairs
N/A
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.093 In
PC Tail Length (mm)
2.36 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.125 In
PCB Thickness Recommended (mm)
3.20 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.246 In
Pitch - Mating Interface (mm)
6.25 mm
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
3.0 Gbps
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74642Series
Mates With
74712 Ganged RF Header


Numéro de pièce similaire - 74642-1003

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74642-1003 MOLEX-74642-1003 Datasheet
280Kb / 2P
   6.25mm (.246?? Pitch Ganged RF
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com