Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74441-0001 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 74441-0001
Description  0.80mm (.031") Pitch SFP, SFP Plus (SFP) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.38關m (15關") Gold (Au)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX8 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74441-0001 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  74441-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 74441-0001 Datasheet HTML 2Page - Molex Electronics Ltd. 74441-0001 Datasheet HTML 3Page - Molex Electronics Ltd. 74441-0001 Datasheet HTML 4Page - Molex Electronics Ltd. 74441-0001 Datasheet HTML 5Page - Molex Electronics Ltd. 74441-0001 Datasheet HTML 6Page - Molex Electronics Ltd. 74441-0001 Datasheet HTML 7Page - Molex Electronics Ltd. 74441-0001 Datasheet HTML 8Page - Molex Electronics Ltd. 74441-0001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
Yes
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-74441-001
Product Specification
PS-74441-001
Sales Drawing
SD-74441-001, SD-74441-004
Test Summary
TS-74441-002, TS-74441-004, TS-74441-010
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 74441-0001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74441-0003 MOLEX-74441-0003 Datasheet
288Kb / 2P
   70-Pin Z-Axis Pluggable Host Connector for 10-Gigabit Transceivers
74441-0007 MOLEX-74441-0007 Datasheet
333Kb / 2P
   0.80mm (.031") Pitch Z-Axis Pluggable Host Connector for 10 Gigabit XFP Modules
74441-0007 MOLEX8-74441-0007 Datasheet
482Kb / 9P
   0.80mm (.031") Pitch XFP Host Connector, Z-Axis Pluggable, Right Angle, SMT, 30Circuits, 0.38關m (15關") Gold (Au)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com