Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3857 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SC3857
Description  Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC3857 Fiches technique(HTML) 1 Page - Sanken electric

  2SC3857 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
2SC3857
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
3
2
1
01
2
4
3
Base Current I B(A)
I C=15A
10A
5A
0
15
10
5
02
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
1
1 0
100
1000
2000
Time t(ms)
0.1
1
2
0.5
160
120
80
40
5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
2
1 0
100
300
0.1
1
0.5
10
50
5
Collector-Emitter Voltage V CE(V)
3ms
Without Heatsink
Natural Cooling
DC
20ms
10ms
0.02
0.1
1
1 0
0.5
5
1 5
20
50
100
300
Collector Current I C(A)
(V CE=4V)
Typ
0
0
5
15
10
2
13
4
Collector-Emitter Voltage V CE(V)
1A
400mA
600mA
200mA
100mA
I B=50mA
(V CE=4V)
0.02
0.5
5
1
20
50
300
100
0.1
10 15
Collector Current I C(A)
125˚C
25˚C
–30˚C
–0.02
–0.1
–1
–10
0
10
20
40
30
(V CE=12V)
Emitter Current I E(A)
Typ
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1493)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
200
200
6
15
5
150(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
100max
100max
200min
50min
3.0max
20typ
250typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=200V
VEB=6V
IC=50mA
VCE=4V, IC=5A
IC=10A, IB=1A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
60
RL
(
Ω)
12
IC
(A)
5
VBB2
(V)
–5
IB2
(A)
–0.5
ton
(
µs)
0.3typ
tstg
(
µs)
2.4typ
tf
(
µs)
0.4typ
IB1
(A)
0.5
VBB1
(V)
10
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
2-ø3.2±0.1
36.4±0.3
9
24.4±0.2
0.65
+0.2
-0.1
3.0
+0.3
-0.1
6.0±0.2
2.1
a
b
C
External Dimensions MT-200
Weight : Approx 18.4g
a. Part No.
b. Lot No.
∗hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)


Numéro de pièce similaire - 2SC3857

FabricantNo de pièceFiches techniqueDescription
logo
Savantic, Inc.
2SC3857 SAVANTIC-2SC3857 Datasheet
168Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3857 JMNIC-2SC3857 Datasheet
239Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3857 ISC-2SC3857 Datasheet
178Kb / 4P
   Silicon NPN Power Transistors
logo
Sanken electric
2SC3857 SANKEN-2SC3857 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
Savantic, Inc.
2SC3857 SAVANTIC-2SC3857 Datasheet
169Kb / 4P
   Silicon NPN Power Transistors
More results

Description similaire - 2SC3857

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SC4511 SANKEN-2SC4511 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC3856 SANKEN-2SC3856 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC5099 SANKEN-2SC5099 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC3179 SANKEN-2SC3179 Datasheet
22Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC3858 SANKEN-2SC3858 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC4466 SANKEN-2SC4466 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC4467 SANKEN-2SC4467 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC4468 SANKEN-2SC4468 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC5100 SANKEN-2SC5100 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC4388 SANKEN-2SC4388 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com