Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3834 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SC3834
Description  Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC3834 Fiches technique(HTML) 1 Page - Sanken electric

  2SC3834 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
74
Silicon NPN Triple Diffused Planar Transistor (Switching Transistor)
Application : Humidifier, DC-DC Converter, and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SC3834
200
120
8
7(Pulse14)
3
50(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
2SC3834
100max
100max
120min
70 to 220
0.5max
1.2max
30typ
110typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=200V
VEB=8V
IC=50mA
VCE=4V, IC=3A
IC=3A, IB=0.3A
IC=3A, IB=0.3A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
2SC3834
(Ta=25°C)
(Ta=25°C)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
50
RL
(
Ω)
16.7
IC
(A)
3
VBB2
(V)
–5
IB2
(A)
–0.6
ton
(
µs)
0.5max
tstg
(
µs)
3.0max
tf
(
µs)
0.5max
IB1
(A)
0.3
VBB1
(V)
10
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
2
2.6
1
0.005 0.01
0.1
0.05
1
0.5
Base Current I B(A)
0.02
0.1
0.5
1
7
5
20
50
100
200
Collector Current I C(A)
(V CE=4V)
Typ
–0.01
–0.1
–1
–0.05
–0.5
–5
20
10
0
30
(V CE=12V)
Emitter Current I E(A)
10
120
50
5
200
0.05
1
0.5
0.1
20
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
100ms
50
40
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
0
0
1
2
3
4
5
6
7
2
13
4
Collector-Emitter Voltage V CE(V)
60mA
40mA
20mA
100mA
150mA
200mA
I B=10mA
0
7
2
3
4
5
6
1
0
1.1
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
(V CE=4V)
0.01
0.05
0.1
0.5
1
5 7
20
50
300
100
Collector Current I C(A)
25˚C
–30˚C
125˚C
0.3
0.5
1
4
1
1 0
100
1000
Time t(ms)
External Dimensions MT-25(TO220)
BE
2.5
2.5
C
1.35
0.65
+0.2
-0.1
10.2±0.2
ø3.75±0.2
4.8±0.2
1.4
2.0±0.1
a
b
Weight : Approx 2.6g
a. Type No.
b. Lot No.


Numéro de pièce similaire - 2SC3834

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
126Kb / 3P
   SWITCH NPN TRANSISTOR
logo
Savantic, Inc.
2SC3834 SAVANTIC-2SC3834 Datasheet
134Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3834 JMNIC-2SC3834 Datasheet
124Kb / 3P
   Silicon NPN Power Transistor
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
199Kb / 4P
   SWITCH NPN TRANSISTOR
logo
Inchange Semiconductor ...
2SC3834 ISC-2SC3834 Datasheet
307Kb / 3P
   isc Silicon NPN Power Transistor
More results

Description similaire - 2SC3834

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SC3835 SANKEN-2SC3835 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
2SC4153 SANKEN-2SC4153 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
2SC4511 SANKEN-2SC4511 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC3856 SANKEN-2SC3856 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC5099 SANKEN-2SC5099 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC4388 SANKEN-2SC4388 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC4512 SANKEN-2SC4512 Datasheet
23Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC5101 SANKEN-2SC5101 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC3179 SANKEN-2SC3179 Datasheet
22Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
2SC3857 SANKEN-2SC3857 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com