Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB1420 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SB1420
Description  Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SB1420 Fiches technique(HTML) 1 Page - Sanken electric

  2SB1420 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
46
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
–3
–2
–1
–0.5
–1
–100
–10
Base Current I B(mA)
–4A
–8A
I C=–16A
–0.3
–1
–16
–10
–5
Collector Current I C(A)
(V CE=–4V)
500
10000
5000
1000
20000
Typ
0.2
0.5
3
1
1
1 0
100
1000
Time t(ms)
–10
–50
–5
–3
–100
–200
–0.03
–0.05
–1
–0.5
–0.1
–10
–50
–5
Collector-Emitter Voltage V CE(V)
DC
100
µ
s
10ms
1ms
Without Heatsink
Natural Cooling
80
60
40
20
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
0
0
–10
–20
–26
–2
–1
–6
–5
–4
–3
Collector-Emitter Voltage V CE(V)
–12mA
–6mA
–3mA
I B=–1.5mA
–20mA
0
–16
–8
–12
–4
0
–2.4
–2
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
–0.3
–0.5
–1
–16
–10
–5
500
10000
5000
1000
20000
(V CE=–4V)
Collector Current I C(A)
25˚C
–30˚C
125˚C
0.05 0.1
5
1 0
0.5
1
1 6
50
0
100
(V CE=–12V)
Emitter Current I E( A )
Typ
Silicon PNP Epitaxial Planar Transistor
Application : Chopper Regulator, DC Motor Driver and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–120
–120
–6
–16(Pulse–26)
–1
80(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
–10max
–10max
–120min
2000min
–1.5max
–2.5max
50typ
350typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=–120V
VEB=–6V
IC=–10mA
VCE=–4V, IC=–8A
IC=–8A, IB=–16mA
IC=–8A, IB=–16mA
VCE=–12V, IE=1A
VCB=–10V, f=1MHz
Darlington
2SB1420
(Ta=25°C)
(Ta=25°C)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
External Dimensions MT-100(TO3P)
Weight : Approx 6.0g
a. Part No.
b. Lot No.
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
–24
RL
(
Ω)
2
IC
(A)
–12
VBB2
(V)
5
IB2
(mA)
24
ton
(
µs)
1.0typ
tstg
(
µs)
3.0typ
tf
(
µs)
1.0typ
IB1
(mA)
–24
VBB1
(V)
–10
B
C
E
(2 k
Ω) (80Ω)
Equivalent circuit


Numéro de pièce similaire - 2SB1420

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SB1420 SANKEN-2SB1420 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Inchange Semiconductor ...
2SB1420 ISC-2SB1420 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Sanken electric
2SB1420 SANKEN-2SB1420_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
More results

Description similaire - 2SB1420

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SB1383 SANKEN-2SB1383 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
2SA1567 SANKEN-2SA1567 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
2SA1568 SANKEN-2SA1568 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
2SB1382 SANKEN-2SB1382 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
2SA1746 SANKEN-2SA1746 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, Switch and General Purpose)
2SC4064 SANKEN-2SC4064 Datasheet
24Kb / 1P
   Silicon NPN Epitaxial Planar Transistor(DC Motor Driver and General Purpose)
2SC4065 SANKEN-2SC4065 Datasheet
25Kb / 1P
   Silicon NPN Epitaxial Planar Transistor(DC Motor Driver and General Purpose)
2SB1258 SANKEN-2SB1258 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SB1259 SANKEN-2SB1259 Datasheet
26Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SB1257 SANKEN-2SB1257 Datasheet
26Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com