Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1673 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SA1673
Description  Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SA1673 Fiches technique(HTML) 1 Page - Sanken electric

  2SA1673 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
26
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4388)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–180
–180
–6
–15
–4
85(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
–10max
–10max
–180min
50min
–2.0max
20typ
500typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–180V
VEB=–6V
IC=–50mA
VCE=–4V, IC=–3A
IC=–5A, IB=–0.5A
VCE=–12V, IE=0.5A
VCB=–10V, f=1MHz
2SA1673
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
Safe Operating Area (Single Pulse)
h FE– I C Temperature Characteristics (Typical)
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–5
–10
–15
–1
–2
–3
–4
Collector-Emitter Voltage V CE(V)
–1A
–50mA
–0.1A
I B=–20mA
–0.6A
–0.4A
–0.2A
0
– 3
–2
–1
0
–0.5
–1.0
–2.0
–1.5
Base Current I B(A)
I C=–10A
–5A
–0.02
–0.1
–1
–10
–0.5
–5
–15
10
100
50
300
Collector Current I C(A)
(V CE=–4V)
Typ
Collector-Emitter Voltage V CE(V)
–3
–10
–100
–200
–0.2
–0.1
–1
–2
–0.5
–10
–40
–5
DC
10ms
3ms
100ms
Without Heatsink
Natural Cooling
0.02
0.1
1
1 0
0
10
20
30
(V CE=–12V)
Emitter Current I E(A)
Typ
0.1
1
3
0.5
1
1 0
100
1000 2000
Time t(ms)
θj-a–t Characteristics
f T– I E Characteristics (Typical)
100
80
60
40
20
3.5
0
Ambient Temperature Ta(˚C)
Without Heatsink
0
2 5
5 0
7 5
100
125
150
(V CE=–4V)
–0.02
–0.1
–0.5
–1
–5
–10 –15
20
50
100
200
Collector Current I C(A)
125˚C
25˚C
–30˚C
0
–15
–10
–5
0– 2
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
VCC
(V)
–40
RL
(
Ω)
4
IC
(A)
–10
VBB2
(V)
5
IB2
(A)
1
ton
(
µs)
0.6typ
tstg
(
µs)
0.9typ
tf
(
µs)
0.2typ
IB1
(A)
–1
VBB1
(V)
–10
External Dimensions FM100(TO3PF)
4.4
1.5
1.5
BE
C
5.45±0.1
ø3.3±0.2
1.75
2.15
1.05
+0.2
-0.1
5.45±0.1
15.6±0.2
5.5±0.2
3.45
3.35
0.65
+0.2
-0.1
±0.2
0.8
a
b
Weight : Approx 6.5g
a. Part No.
b. Lot No.
∗hFE Rank O(50to100), P(70to140), Y(90to180)


Numéro de pièce similaire - 2SA1673

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SA1673 ISC-2SA1673 Datasheet
156Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1673 SAVANTIC-2SA1673 Datasheet
188Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1673 JMNIC-2SA1673 Datasheet
217Kb / 4P
   Silicon PNP Power Transistors
logo
Sanken electric
2SA1673 SANKEN-2SA1673 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Quanzhou Jinmei Electro...
2SA1673 JMNIC-2SA1673 Datasheet
217Kb / 4P
   Silicon PNP Power Transistors
More results

Description similaire - 2SA1673

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SA1908 SANKEN-2SA1908 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1294 SANKEN-2SA1294 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1303 SANKEN-2SA1303 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1494 SANKEN-2SA1494 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1215 SANKEN-2SA1215 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1262 SANKEN-2SA1262 Datasheet
23Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1386 SANKEN-2SA1386 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1488 SANKEN-2SA1488 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1693 SANKEN-2SA1693 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1694 SANKEN-2SA1694 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com