Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S6B0741 Fiches technique(PDF) 5 Page - Samsung semiconductor

No de pièce S6B0741
Description  128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0741 Fiches technique(HTML) 5 Page - Samsung semiconductor

  S6B0741 Datasheet HTML 1Page - Samsung semiconductor S6B0741 Datasheet HTML 2Page - Samsung semiconductor S6B0741 Datasheet HTML 3Page - Samsung semiconductor S6B0741 Datasheet HTML 4Page - Samsung semiconductor S6B0741 Datasheet HTML 5Page - Samsung semiconductor S6B0741 Datasheet HTML 6Page - Samsung semiconductor S6B0741 Datasheet HTML 7Page - Samsung semiconductor S6B0741 Datasheet HTML 8Page - Samsung semiconductor S6B0741 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
S6B0741
128 SEG / 129 COM DRIVER & CONTROLLER FOR STN LCD
1
INTRODUCTION
The S6B0741 is a driver & controller LSI for 4-level gray scale graphic dot-matrix liquid crystal display systems. It
contains 128 segment and 129 common driver circuits. This chip is connected directly to a microprocessor, accepts
Serial Peripheral Interface (SPI) or 8-bit parallel display data and stores in an on-chip display data RAM of 128 x 129
x 2 bits. It performs display data RAM read/write operation with no external operating clock to minimize power
consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to
make a display system with the fewest components.
FEATURES
4-level (White, Light Gray, Dark Gray, Black) Gray Scale Display with PWM and FRC Methods
DDRAM data [2n: 2n+1]
00
01
10
11
Gray scale
White
Light gray
Dark gray
Dark
(Accessible column address, n = 0, 1, 2, ……, 125, 126, 127)
Driver Output Circuits
− 128 segment outputs / 129 common outputs
Applicable Duty Ratios
Duty ratio
Applicable LCD bias
Maximum display area
1/16 ~ 1/128 (ICON disabled)
1/17 ~ 1/129 (ICON enabled)
1/5 to 1/12
129
× 128
− Various partial display
− Partial window moving & data scrolling
On-chip Display Data RAM
− Capacity: 129 × 128 × 2 = 33,024bits
Microprocessor Interface
− 8-bit parallel bi-directional interface with 6800-series or 8080-series
− SPI (serial peripheral interface) available (only write operation)
On-chip Low Power Analog Circuit
− On-chip oscillator circuit
− Voltage converter (x3, x4, ×5 or x6)
− Voltage regulator (temperature coefficient: -0.125%/°C, or external input)
− On-chip electronic contrast control function (64 steps)
− Voltage follower (LCD bias : 1/5 to 1/12)
Operating Voltage Range
− Supply voltage (VDD): 1.8 to 3.3V
− LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V


Numéro de pièce similaire - S6B0741

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S6B0708 SAMSUNG-S6B0708 Datasheet
288Kb / 29P
   64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CY SAMSUNG-S6B0715A01-B0CY Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CZ SAMSUNG-S6B0715A01-B0CZ Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-XXX0 SAMSUNG-S6B0715A01-XXX0 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results

Description similaire - S6B0741

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KS0741 SAMSUNG-KS0741 Datasheet
985Kb / 74P
   128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
S6B1741 SAMSUNG-S6B1741 Datasheet
472Kb / 78P
   128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
   104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com