Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S6B0716 Fiches technique(PDF) 6 Page - Samsung semiconductor

No de pièce S6B0716
Description  33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0716 Fiches technique(HTML) 6 Page - Samsung semiconductor

Back Button S6B0716 Datasheet HTML 2Page - Samsung semiconductor S6B0716 Datasheet HTML 3Page - Samsung semiconductor S6B0716 Datasheet HTML 4Page - Samsung semiconductor S6B0716 Datasheet HTML 5Page - Samsung semiconductor S6B0716 Datasheet HTML 6Page - Samsung semiconductor S6B0716 Datasheet HTML 7Page - Samsung semiconductor S6B0716 Datasheet HTML 8Page - Samsung semiconductor S6B0716 Datasheet HTML 9Page - Samsung semiconductor S6B0716 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716
2
Series Specifications
Product code
TEMPS pin
Temp. coefficient
Package
Chip thickness
S6B0716X01-C0C8
0
(VSS connected)
-0.05%/
°C
300
µm
S6B0716X11-C0C8
1
(VDD connected)
-0.2%/
°C
COB
300
µm


Numéro de pièce similaire - S6B0716

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CY SAMSUNG-S6B0715A01-B0CY Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CZ SAMSUNG-S6B0715A01-B0CZ Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-XXX0 SAMSUNG-S6B0715A01-XXX0 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A11-B0CY SAMSUNG-S6B0715A11-B0CY Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results

Description similaire - S6B0716

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717 SAMSUNG-S6B0717 Datasheet
910Kb / 65P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0717 SAMSUNG-KS0717 Datasheet
869Kb / 64P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
   104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com