Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74095-0034 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 74095-0034
Description  2.54mm (.100") Pitch SL??Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX8 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74095-0034 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  74095-0034 Datasheet HTML 1Page - Molex Electronics Ltd. 74095-0034 Datasheet HTML 2Page - Molex Electronics Ltd. 74095-0034 Datasheet HTML 3Page - Molex Electronics Ltd. 74095-0034 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740950034
Status:
Active
Description:
2.54mm (.100") Pitch SL™ Header, Single Row, Vertical, Shrouded, 4 Circuits, 0.38µm
(15µ") Gold (Au) Selective Plating over Tin (Sn) Plating
Documents:
Drawing (PDF)
Product Specification PS-74095-001 (PDF)
Product Specification PS-70400 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
74095
Application
Wire-to-Board
Product Name
SL™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.174 In
PC Tail Length (mm)
4.41 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74095Series


Numéro de pièce similaire - 74095-0034

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74095-0004 MOLEX8-74095-0004 Datasheet
224Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 120 Circuits, 3.18mm (.125") PCTail Length
74095-0016 MOLEX8-74095-0016 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 16 Circuits, Tin(Sn) Over Nickel (Ni) Plating
74095-0020 MOLEX8-74095-0020 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 20 Circuits, TinSn) Over Nickel (Ni) Plating
74095-0025 MOLEX-74095-0025 Datasheet
156Kb / 2P
   SL??(Stackable Linear) Compliant Pin Header
74095-0025 MOLEX8-74095-0025 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 25 Circuits, Tin(Sn) Over Nickel (Ni) Plating
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com