Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5N8943B Fiches technique(PDF) 5 Page - Samsung semiconductor

No de pièce S5N8943B
Description  G.Lite ADSL Analog Front End IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5N8943B Fiches technique(HTML) 5 Page - Samsung semiconductor

  S5N8943B Datasheet HTML 1Page - Samsung semiconductor S5N8943B Datasheet HTML 2Page - Samsung semiconductor S5N8943B Datasheet HTML 3Page - Samsung semiconductor S5N8943B Datasheet HTML 4Page - Samsung semiconductor S5N8943B Datasheet HTML 5Page - Samsung semiconductor S5N8943B Datasheet HTML 6Page - Samsung semiconductor S5N8943B Datasheet HTML 7Page - Samsung semiconductor S5N8943B Datasheet HTML 8Page - Samsung semiconductor S5N8943B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
S5N8943B
G.Lite ADSL Analog Front End IC
CONFIDENTIAL
Preliminary Information (Rev.1.0)
Resolution
14
bits
Effective Number Of Bits
13
bits
Sampling Rate
2.208
MHz
Selectable 4.416MHz, 8.832MHz
Full Scale Input Range
2.0
Vppd
DAC
Resolution
14
bits
Effective Number Of Bits
12
bits
Sampling Rate
4.416
MHz
Selectable 8.832MHz
Full Scale Output Range
2.0
Vppd
VCXO DAC
Resolution
10
bits
Sampling Rate
4
KHz
Maximum Output Range
2.5
V
Minimum Output Range
0.5
V


Numéro de pièce similaire - S5N8943B

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S5N8944B SAMSUNG-S5N8944B Datasheet
183Kb / 21P
   G.Lite ADSL Transceiver for CO and CPE
S5N8947 SAMSUNG-S5N8947 Datasheet
407Kb / 49P
   MCU for ADSL/Cable Modem
S5N8947X SAMSUNG-S5N8947X Datasheet
407Kb / 49P
   MCU for ADSL/Cable Modem
More results

Description similaire - S5N8943B

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
   G.dmt ADSL Analog Front End IC
logo
STMicroelectronics
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
   NorthenLite??G.lite BiCMOS Analog Front-End Circuit
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
[Old version datasheet]   ADSL ANALOG FRONT-END
AFE1302 TI-AFE1302 Datasheet
221Kb / 11P
[Old version datasheet]   ADSL ANALOG FRONT-END
logo
STMicroelectronics
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
   NorthenLite??G.lite BiCMOS Analog Front-End Circuit
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
[Old version datasheet]   3.3 V INTEGRATED G.LITE ANALOG FRONT END
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
[Old version datasheet]   3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
Intersil Corporation
HC6094 INTERSIL-HC6094 Datasheet
51Kb / 9P
   ADSL Analog Front End Chip
February 1999
logo
STMicroelectronics
ST70136 STMICROELECTRONICS-ST70136 Datasheet
361Kb / 24P
   CPE ADSL ANALOG FRONT END
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com