Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5F429PX02 Fiches technique(PDF) 3 Page - Samsung semiconductor

No de pièce S5F429PX02
Description  1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F429PX02 Fiches technique(HTML) 3 Page - Samsung semiconductor

  S5F429PX02 Datasheet HTML 1Page - Samsung semiconductor S5F429PX02 Datasheet HTML 2Page - Samsung semiconductor S5F429PX02 Datasheet HTML 3Page - Samsung semiconductor S5F429PX02 Datasheet HTML 4Page - Samsung semiconductor S5F429PX02 Datasheet HTML 5Page - Samsung semiconductor S5F429PX02 Datasheet HTML 6Page - Samsung semiconductor S5F429PX02 Datasheet HTML 7Page - Samsung semiconductor S5F429PX02 Datasheet HTML 8Page - Samsung semiconductor S5F429PX02 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02
3
ABSOLUTE MAXIMUM RATINGS (NOTE)
NOTE: The device can be destroyed, if the applied voltage or temperature is higher than the absolute maximum rating voltage
or temperature.
Table 2. Absolute Maximum Ratings
Characteristics
Symbols
Min.
Max.
Unit
Substrate voltage
SUB - GND
-0.3
40
V
VDD, VOUT - SUB
-40
10
V
Vertical clock input voltage
Φ
V1, ΦV3, - GND
-0.3
30
V
Φ
V2, ΦV4 - GND
-0.3
17
V
Φ
V1, ΦV3, - VL
-0.3
30
V
Φ
V2, ΦV4 - VL
-0.3
17
V
Φ
V1, ΦV2, ΦV3, ΦV4 - SUB
-40
10
V
Horizontal clock input voltage
Φ
H1, ΦH2 - VL
-0.3
7
V
Φ
H1, ΦH2 - SUB
-30
7
V
Voltage difference between vertical and
horizontal clock input pins
Φ
V1, ΦV2, ΦV3, ΦV4
15
V
Φ
H1, ΦH2
16
V
Φ
H1, ΦH2 - ΦV4
-17
16
V
Output clock input voltage
Φ
RG - GND
-0.3
16
V
Φ
RG - SUB
-40
16
V
Protection circuit bias voltage
VL - SUB
-40
10
V
Operating temperature
TOP
-10
60
°C
Storage temperature
TSTG
-30
80
°C


Numéro de pièce similaire - S5F429PX02

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F429PX03-LDB0 SAMSUNG-S5F429PX03-LDB0 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
More results

Description similaire - S5F429PX02

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KC74129B SAMSUNG-KC74129B Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129MP SAMSUNG-KC73129MP Datasheet
209Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
Sony Corporation
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
   1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
ICX055AL SONY-ICX055AL Datasheet
350Kb / 17P
   1/3-inch CCD Image Sensor for CCIR B/W Camera
logo
A1 PROs co., Ltd.
AI329 A1PROS-AI329 Datasheet
62Kb / 8P
   1/3 inch CCD Image Sensor for CCIR B/W Camera
Ver1.0
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com