Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5F429PX02 Fiches technique(PDF) 17 Page - Samsung semiconductor

No de pièce S5F429PX02
Description  1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F429PX02 Fiches technique(HTML) 17 Page - Samsung semiconductor

Back Button S5F429PX02 Datasheet HTML 10Page - Samsung semiconductor S5F429PX02 Datasheet HTML 11Page - Samsung semiconductor S5F429PX02 Datasheet HTML 12Page - Samsung semiconductor S5F429PX02 Datasheet HTML 13Page - Samsung semiconductor S5F429PX02 Datasheet HTML 14Page - Samsung semiconductor S5F429PX02 Datasheet HTML 15Page - Samsung semiconductor S5F429PX02 Datasheet HTML 16Page - Samsung semiconductor S5F429PX02 Datasheet HTML 17Page - Samsung semiconductor S5F429PX02 Datasheet HTML 18Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02
17
PACKAGE DIMENSIONS
Figure 7. Package Dimensions
(Unit = mm)
2.50
R0.70
6.00¡¾0.10
10.00¡¾0.12
5.40¡¾0.10
7.40¡¾0.10
10.00¡¾0.12
4-R 0.30
(L/F CL)
Y
4-R 0.50
X
X
Y
(L/F CL)
4-R0.50
#1
#7
#8
#14
0.46¡¾0.10
Glass
(7583)
1.27¡¾0.05
0.30¡¾0.10
1.27 x 6 = 7.62¡¾0.10
9.60¡¾0.12
NOTES :
1. Max. Leakage by Hellium Detector
:10
-8atm. cc/sec at 10-5 mmHg
2. Resistance Between Leads
:Above 10
100HM at 25¡É, 60% R>H
3. Insulation Resistance
:Electrical leakage shall not exceed 5
nano AMP at 100V D.C
4. Ceamic Material
:Min. 90% al
20 3 (black)
5. Lead Frame
- Coplanarity
:0.25 Max. (after L/F attach)
- Planarity
:0.076/mm, -0.102/mm
- Al clad
. Thickness
:5um to 10um (f or stamp)
. Thickness
:2.5um to 12.7um (for etch)
. Coverage
:Min. 0.762mm from lead tip
- Sn thickness
:4um to 20um
6. Flatness
- DIE attach pad
:Max. 0.051mm
- LID seal area
:Max. 0.051mm
7. Other
:In according to semi standards.
0.25
10.16¡¾0.30
9.46¡¾0.12
2.600
0.80¡¾0.15
0.35¡¾0.08
1.00¡¾0.08
0.90¡¾0.08
Al
2O 3
90%Min. (black)
Alloy 42
( Inner AI
Outer Sn )
Ceramic Base
0.38
Glass
7583
Ceramicframe
Al
2O3
90%Min. (black)
10.00¡¾0.12
Lead Frame
1.27¡¾0.25
4.13


Numéro de pièce similaire - S5F429PX02

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F429PX03-LDB0 SAMSUNG-S5F429PX03-LDB0 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
More results

Description similaire - S5F429PX02

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KC74129B SAMSUNG-KC74129B Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129MP SAMSUNG-KC73129MP Datasheet
209Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
Sony Corporation
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
   1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
ICX055AL SONY-ICX055AL Datasheet
350Kb / 17P
   1/3-inch CCD Image Sensor for CCIR B/W Camera
logo
A1 PROs co., Ltd.
AI329 A1PROS-AI329 Datasheet
62Kb / 8P
   1/3 inch CCD Image Sensor for CCIR B/W Camera
Ver1.0
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com