Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54684-0904 Fiches technique(PDF) 3 Page - Molex Electronics Ltd.

No de pièce 54684-0904
Description  0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 3.50mm (.138") Stacking Height, 90 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX7 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54684-0904 Fiches technique(HTML) 3 Page - Molex Electronics Ltd.

  54684-0904 Datasheet HTML 1Page - Molex Electronics Ltd. 54684-0904 Datasheet HTML 2Page - Molex Electronics Ltd. 54684-0904 Datasheet HTML 3Page - Molex Electronics Ltd. 54684-0904 Datasheet HTML 4Page - Molex Electronics Ltd. 54684-0904 Datasheet HTML 5Page - Molex Electronics Ltd. 54684-0904 Datasheet HTML 6Page - Molex Electronics Ltd. 54684-0904 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Numéro de pièce similaire - 54684-0904

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
54684-0244 MOLEX7-54684-0244 Datasheet
560Kb / 7P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, 4.00mm (.157") Stacking Height, 24 Circuits
54684-0704 MOLEX7-54684-0704 Datasheet
560Kb / 7P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 3.50mm (.138") Stacking Height, 70 Circuits
54684-0804 MOLEX7-54684-0804 Datasheet
560Kb / 7P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 3.50mm (.138") Stacking Height, 80 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com