Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3C380D Fiches technique(PDF) 21 Page - Samsung semiconductor

No de pièce S3C380D
Description  Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C380D Fiches technique(HTML) 21 Page - Samsung semiconductor

Back Button S3C380D Datasheet HTML 16Page - Samsung semiconductor S3C380D Datasheet HTML 17Page - Samsung semiconductor S3C380D Datasheet HTML 18Page - Samsung semiconductor S3C380D Datasheet HTML 19Page - Samsung semiconductor S3C380D Datasheet HTML 20Page - Samsung semiconductor S3C380D Datasheet HTML 21Page - Samsung semiconductor S3C380D Datasheet HTML 22Page - Samsung semiconductor S3C380D Datasheet HTML 23Page - Samsung semiconductor S3C380D Datasheet HTML 24Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ELECTRICAL DATA
S3C380D/F380D
17-6
Table 17-8. A/D Converter Electrical Characteristics
(T
A = - 20
°C to + 85 °C, V
DD = 4.5 V to 5.5 V (ADC1-ADC4), VDD = 5.0 V (ADC0))
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution
4
Bit
Absolute
accuracy (1)
CPU clock = 16 MHz ADC0
± 1.0
LSB
ADC1-4
± 0.5
LSB
Conversion
Time (2)
t
CON
CPU clock = 16 MHz
(3)
ns
Analog input
voltage
V
IAN
ADC1-4
AV
SS
AV
REF
V
ADC0
1.5
2.0
V
Analog input
impedance
R
AN
2
M
Analog output
impedance
R
OAN
CPU clock = 16 MHz
Conversion time = 4 MHz
5
K
CPU clock = 16 MHz
Conversion time =
0.5, 1, and 2 MHz
10
K
NOTES:
1.
Excluding quantization error, absolute accuracy values are within
± 1 LSB (ADC0), ± 0.5 LSB (ADC1-4)
2.
‘Conversion time’ is the time required from the moment a conversion operation starts until it ends
3.
ADC conversion time is controled by ADCON.9-.8.


Numéro de pièce similaire - S3C380D

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C3410X SAMSUNG-S3C3410X Datasheet
1Mb / 178P
   16-Bit CMOS Microcontrollers
More results

Description similaire - S3C380D

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
S3C2510A SAMSUNG-S3C2510A Datasheet
412Kb / 46P
   16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
S3F443FX SAMSUNG-S3F443FX Datasheet
708Kb / 36P
   16/32-Bit RISC Microcontroller
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com