Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S1T8515A Datasheet(Fiches technique) 1 Page - Samsung semiconductor

Numéro de pièce S1T8515A
Description  FM IF RECEIVER FOR FLEX PAGER
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo 

   
 1 page
background image
FM IF RECEIVER FOR FLEX PAGER
S1T8515A
1
INTRODUCTION
The S1T8515A is a designed for FM detection on the FLEX pager set.
It consists of an Oscillator, Mixer, Limiting IF Amp. Quadrature
Detector, Regulator, RSSI (Received Signal Strength Indicator), Bit
Rate Filter, and a 2-level / 4-level FSK comparator.
It has a 24-SSOP (0.65mm)Surface Mount Package.
FEATURES
Internal A/D converter for 4 level FSK (2-bit ADC)
High transmission rate: 6400bps (Max.)
Operating voltage range: VCC1 = 1.1 ~ 4.0V
Typical supply current: 1.5mA at 1.4V
Low battery detection circuit (alarm function): 1.05V
Mixer operating frequency: 10 ~ 50MHz
Package type: 24-SSOP (0.65mm)
ORDERING INFORMATION
Device
Package
Operating Temperature
S1T8515A01-U0B0
24
−SSOP−BD209
−20°C ~ +70°C
24
−SSOP−BD209




Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KA8515FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
KA8516FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
DS_S1T8515A01FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
TLV55922-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX PAGER CHIPSET 1 2 3 4 5 MoreTexas Instruments
TSOP34830SJ1IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
KF284SPECIFICATIONS FOR SAW FILTER BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER 1 2 3 KEC(Korea Electronics)
KF478SSPECIFICATIONS FOR SAW FILTER BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER 1 2 3 KEC(Korea Electronics)
PCD5003AEnhanced Pager Decoder for POCSAG 1 2 3 4 5 MoreNXP Semiconductors
LPCCP1Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio 1 ITT Industries
TSOP6230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl