Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S1D2140B03 Datasheet(Fiches technique) 3 Page - Samsung semiconductor

Numéro de pièce S1D2140B03
Description  R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo 

 
 3 page
background image
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03
2
PIN CONFIGURATIONS
Table 1. Pin Configurations
Pin No
Symbol
I/O
Configurations
1
ROSD
I
Red OSD Input
2
GOSD
I
Green OSD Input
3
BOSD
I
Blue OSD Input
4
VI/OSD_SW
I
Video or OSD Switch
5
RIN
I
Red Video Input
6
VCC1
-
VCC (normal)
7
GIN
I
Green Video Input
8
GND
-
Ground
9
BIN
I
Blue Video Input
10
CONST
I
Contrast Control
11
OSD_CONST
I
OSD Contrast Control
12
CLP
I
Clamp Gate Signal Input
13
BLK
I
Blank Gate Signal Input
14
BOUT
O
Blue Video Output
15
BCLP
-
Blue Clamp Cap
16
GOUT
O
Green Video Output
17
GCLP
-
Green Clamp Cap
18
Vcc2
-
VCC (output part)
19
ROUT
O
Red Video Output
20
RCLP
-
Red Clamp Cap
21
GND
-
Ground
22
BDRIVE
I
Blue Gain Control
23
GDRIVE
I
Green Gain Control
24
RDRIVE
I
Red Gain Control




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KA2140BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 Samsung semiconductor
KA2143BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
M52722SP3-CHANNEL VIDEO PREAMPLIFIER PROVIDED WITH OSD MIX AND RETRACE LINE BLK FOR HIGH-RESOLUTION 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52321SP3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TA1310NNTSC VIDEO CHROMA DEFRECTION AND DEC. DISTORTION COMPENSATION IC FOR YUV INTERFACE AND ACB WITH 1 2 3 4 5 MoreToshiba Semiconductor
MM1381RGB Video Amplifier with OSD Input 1 2 3 4 5 MoreMitsumi Electronics, Corp.
KA2141R/G/B VIDEO AMPLIFIER FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
DS_S1D2502A01VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
LM1269110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1279110 MHz RGB Video Amplifier System with OSD 1 2 3 4 5 MoreNational Semiconductor (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl