Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S1D2140B03 Datasheet(Fiches technique) 1 Page - Samsung semiconductor

Numéro de pièce S1D2140B03
Description  R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo 

 
 1 page
background image
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03
0
R/G/B VIDEO AMPLIFIER
The S1D2140B03 is a very high frequency video amplifier system with OSD
interface intended to be used in Monitor with high resolution up to 1024
×
768. It contains 3 matched R/G/B video Amplifiers with Blank signal and
provides a flexible interfacing to DC controlled adjustment system.
FUNCTIONS
• R/G/B Video Amplifier
• OSD Interface
• Contrast/OSD Contrast/SUB Contrast Control
• Blank/Clamp Gate
• Video Clamp
FEATURES
• 3-Channel R/G/B Video Amplifier, 110MHz Bandwidth
• TTL OSD Input, 50MHz Bandwidth
• DC Contrast Control range: -38dB
• DC SUB Contrast Control range: -11dB
• Capable of 7.5VPP Output Swing Range
• Video/OSD high speed Switch
24-DIP-300
ORDERING INFORMATION
Device
Package
Operating Temperature
S1D2140B03-D0B0
24-DIP-300
-20
°C — +70°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KA2140BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 Samsung semiconductor
KA2143BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
M52722SP3-CHANNEL VIDEO PREAMPLIFIER PROVIDED WITH OSD MIX AND RETRACE LINE BLK FOR HIGH-RESOLUTION 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52321SP3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TA1310NNTSC VIDEO CHROMA DEFRECTION AND DEC. DISTORTION COMPENSATION IC FOR YUV INTERFACE AND ACB WITH 1 2 3 4 5 MoreToshiba Semiconductor
MM1381RGB Video Amplifier with OSD Input 1 2 3 4 5 MoreMitsumi Electronics, Corp.
KA2141R/G/B VIDEO AMPLIFIER FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
DS_S1D2502A01VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
LM1269110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1279110 MHz RGB Video Amplifier System with OSD 1 2 3 4 5 MoreNational Semiconductor (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl