Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S1D2140B03 Datasheet(Fiches technique) 6 Page - Samsung semiconductor

Numéro de pièce S1D2140B03
Description  R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo 

 6 page
background image
S1D2140B03
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
5
THERMAL & ESD CHARACTERISTICS
18
VCC2
-
Supply voltage for drive part
21
GND
-
Ground
Table 3. Thermal & ESD Parameter
No
Item
Symbol
Value
Unit
Min
Typ
Max
1
Thermal Resistance
(Junction-ambient)
θja
-
61
-
°C/W
2
Junction Temperature
Tj
-
150
-
°C
3
Human Body Mode
(C = 100p, R = 1.5k)
HBM
2
-
-
KV
4
Machine Model
(C = 200p, R = 0)
MM
300
-
-
V
5
Charge Device Model
CDM
800
-
-
V
Table 2. Pin Description (Continued)
Pin No
Pin Name
Schematic
Description




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KA2140BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 Samsung semiconductor
KA2143BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
M52722SP3-CHANNEL VIDEO PREAMPLIFIER PROVIDED WITH OSD MIX AND RETRACE LINE BLK FOR HIGH-RESOLUTION 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52321SP3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TA1310NNTSC VIDEO CHROMA DEFRECTION AND DEC. DISTORTION COMPENSATION IC FOR YUV INTERFACE AND ACB WITH 1 2 3 4 5 MoreToshiba Semiconductor
MM1381RGB Video Amplifier with OSD Input 1 2 3 4 5 MoreMitsumi Electronics, Corp.
KA2141R/G/B VIDEO AMPLIFIER FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
DS_S1D2502A01VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
LM1269110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1279110 MHz RGB Video Amplifier System with OSD 1 2 3 4 5 MoreNational Semiconductor (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl