Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S1D2140B03 Datasheet(Fiches technique) 5 Page - Samsung semiconductor

Numéro de pièce S1D2140B03
Description  R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo 

 
 5 page
background image
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03
4
10
11
22
23
24
Video Contrast
(CONST )
OSD Contrast
(OSD_CONST)
Blue Drive
(BDRIVE)
Green Drive
(GDRIVE)
Red Drive
(RDRIVE)
Video and OSD maximum contrast con-
trol range (0V — 4V) is -38dB.
Sub contrast gain (RGB Drive) control
range (0V — 4V) is -11dB
12
13
Clamp Gate Input
(CLP)
Blank Gate Input
(BLK)
Video Amp actives when clamp gate and
blank gate signal is in low TTL level
19
16
14
Red Video
Output
(ROUT)
Green Video
Output
(GOUT)
Blue Video
Output
(BOUT)
Video signal output
15
17
20
Blue Clamp Cap
(BCLP)
Green Clamp Cap
(GCLP)
Red Clamp Cap
(RCLP)
Brightness controlling actives by
changing and discharging of the external
cap. (0.1
µF)
Table 2. Pin Description (Continued)
Pin No
Pin Name
Schematic
Description
PIN 10
150uA
50uA
PIN 12
220uA
Vref 2.1V
PIN 19
VCC
PIN 15




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KA2140BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 Samsung semiconductor
KA2143BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
M52722SP3-CHANNEL VIDEO PREAMPLIFIER PROVIDED WITH OSD MIX AND RETRACE LINE BLK FOR HIGH-RESOLUTION 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M52321SP3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TA1310NNTSC VIDEO CHROMA DEFRECTION AND DEC. DISTORTION COMPENSATION IC FOR YUV INTERFACE AND ACB WITH 1 2 3 4 5 MoreToshiba Semiconductor
MM1381RGB Video Amplifier with OSD Input 1 2 3 4 5 MoreMitsumi Electronics, Corp.
KA2141R/G/B VIDEO AMPLIFIER FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
DS_S1D2502A01VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS 1 2 3 4 5 MoreSamsung semiconductor
LM1269110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1279110 MHz RGB Video Amplifier System with OSD 1 2 3 4 5 MoreNational Semiconductor (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl