Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-48202-001 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce SD-48202-001
Description  D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX6 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-48202-001 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  SD-48202-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-48202-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-48202-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
1A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
300V DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-48202-001
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-48202-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-48202-001 MOLEX6-SD-48202-001 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole
SD-48202-001 MOLEX6-SD-48202-001 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 25 Circuits, 4-40 Flush Insert, Screw Hole
More results

Description similaire - SD-48202-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0482026042 MOLEX6-0482026042 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert
0482026046 MOLEX6-0482026046 Datasheet
141Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert
0482026044 MOLEX6-0482026044 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert, M2.6
0482026363 MOLEX6-0482026363 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 25 Circuits, 4-40 Flush Insert
0482026153 MOLEX6-0482026153 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15 Circuits, 4-40 Flush Insert
0482026367 MOLEX6-0482026367 Datasheet
147Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 25 Circuits, 4-40 Flush Insert
0482026052 MOLEX6-0482026052 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, Flush Insert, 0.38um
0482026346 MOLEX6-0482026346 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 25Circuits, 4-40 Flush Insert
0482026161 MOLEX6-0482026161 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15Circuits, 4-40 Flush Insert
0482026146 MOLEX6-0482026146 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15Circuits, 4-40 Flush Insert
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com