Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-44167-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-44167-001
Description  Flat Blade Appliance Dryer Motor Crimp Housing, 10 Circuit, With Tool Removable Latch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX6 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44167-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-44167-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44167-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0441670001
Status:
Active
Overview:
flat_blade
Description:
Flat Blade Appliance Dryer Motor Crimp Housing, 10 Circuit, With Tool Removable
Latch
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
42865
Overview
flat_blade
Product Name
Flat Blade
Physical
Circuits (maximum)
10
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.220 In
Pitch - Mating Interface (mm)
5.59 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +75°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-42865-001
Sales Drawing
SD-44167-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42865Series
Mates With
Dryer Motor
Use With
1508 Crimp Terminals, 43374 , 41422
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-44167-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-44133-001 MOLEX6-SD-44133-001 Datasheet
182Kb / 2P
   3.00mm (.118") Micro-Fit 3.0 BMI Receptacle Housing, Dual Row, Panel Mount, 16 Circuits, PBT Polyester, UL 94V-0
SD-44133-001 MOLEX6-SD-44133-001 Datasheet
182Kb / 2P
   3.00mm (.118") Micro-Fit 3.0 BMI Receptacle Housing, Dual Row, Panel Mount, 18 Circuits, PBT Polyester, UL 94V-0
SD-44133-003 MOLEX6-SD-44133-003 Datasheet
221Kb / 3P
   3.00mm (.118") Micro-Fit 3.0 BMI Receptacle Housing, Dual Row, Panel Mount, 4 Circuits, PBT Polyester
SD-44144-001 MOLEX6-SD-44144-001 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
SD-44150-002 MOLEX6-SD-44150-002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
More results

Description similaire - SD-44167-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
44167-0001 MOLEX11-44167-0001 Datasheet
41Kb / 1P
   Flat Blade Appliance Dryer Motor Crimp Housing, 10 Circuit, with Tool Removable Latch
06-02-3104 MOLEX11-06-02-3104 Datasheet
41Kb / 1P
   Flat Blade Appliance Dryer Motor Crimp Housing, 10 Circuit
0006023104 MOLEX1-0006023104 Datasheet
198Kb / 3P
   Flat Blade Appliance Dryer Motor Crimp Housing, 10 Circuit
0006023103 MOLEX1-0006023103 Datasheet
123Kb / 2P
   Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuit, 10 Circuits
0006021103 MOLEX1-0006021103 Datasheet
129Kb / 2P
   Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuit, 10 Circuits
06-02-3103 MOLEX11-06-02-3103 Datasheet
39Kb / 1P
   Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuit, 10 Circuits
06-02-1103 MOLEX11-06-02-1103 Datasheet
39Kb / 1P
   Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuits
0432751024 MOLEX5-0432751024 Datasheet
131Kb / 2P
   Flat Blade Appliance Timer Crimp Housing, 24 Circuit
15-04-0802 MOLEX11-15-04-0802 Datasheet
39Kb / 1P
   Flat Blade Appliance Temperature Switch Crimp Housing, 6 Circuit
0015040802 MOLEX1-0015040802 Datasheet
110Kb / 2P
   Flat Blade Appliance Temperature Switch Crimp Housing, 6 Circuit
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com