Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-43860-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-43860-001
Description  Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 8/8
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX6 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-43860-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-43860-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-43860-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-43860-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-43860-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-43860-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-43860-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-43860-001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0438600004
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs,
8/8
Documents:
Drawing (PDF)
Application Specification (PDF)
Packaging Specification (PDF)
Product Specification PS-43860-003 (PDF)
3D Model
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
43860
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
Yes
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43860Series
Mates With
FCC 68 Plugs


Numéro de pièce similaire - SD-43860-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-43860-001 MOLEX6-SD-43860-001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8
SD-43860-001 MOLEX6-SD-43860-001 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, Offset Panel Grounding Tabs, Lightpipes, 8/8
SD-43860-001 MOLEX6-SD-43860-001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, Unshielded
SD-43860-001 MOLEX6-SD-43860-001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/2
SD-43860-001 MOLEX6-SD-43860-001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, Offset Panel Grounding Tabs, 6/6
More results

Description similaire - SD-43860-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0438601010 MOLEX6-0438601010 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, Lightpipes, 8/8
0443800004 MOLEX6-0443800004 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Shielded, with All Panel Grounding Tabs
0438600010 MOLEX6-0438600010 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, Lightpipes, 8/8
0443800004 MOLEX1-0443800004_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Shielded, with All Panel Grounding Tabs
0438600013 MOLEX6-0438600013 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, Offset Panel Grounding Tabs, 8/8
0438600010 MOLEX1-0438600010_17 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600004 MOLEX1-0438600004_17 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600011 MOLEX1-0438600011_17 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600006 MOLEX1-0438600006_17 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600005 MOLEX1-0438600005_17 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com