Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KS88C8316 Fiches technique(PDF) 10 Page - Samsung semiconductor

No de pièce KS88C8316
Description  SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C8316 Fiches technique(HTML) 10 Page - Samsung semiconductor

Back Button KS88C8316 Datasheet HTML 6Page - Samsung semiconductor KS88C8316 Datasheet HTML 7Page - Samsung semiconductor KS88C8316 Datasheet HTML 8Page - Samsung semiconductor KS88C8316 Datasheet HTML 9Page - Samsung semiconductor KS88C8316 Datasheet HTML 10Page - Samsung semiconductor KS88C8316 Datasheet HTML 11Page - Samsung semiconductor KS88C8316 Datasheet HTML 12Page - Samsung semiconductor KS88C8316 Datasheet HTML 13Page - Samsung semiconductor KS88C8316 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ELECTRICAL DATA
KS88C8316/C8324/P8324
15-2
Table 15-1. Absolute Maximum Ratings
(T
A = 25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Supply Voltage
V
DD
– 0.3 to + 6.0
V
Input Voltage
V
I1
P1.0–P1.5 (open-drain)
– 0.3 to + 7
V
V
I2
All port pins except VI1
– 0.3 to V
DD + 0.3
Output Voltage
V
O
All output pins
– 0.3 to V
DD + 0.3
V
Output Current
High
I
OH
One I/O pin active
– 18
mA
All I/O pins active
– 60
Output Current
Low
I
OL
One I/O pin active
+ 30
mA
Total pin current for port 1
+ 100
Total pin current for ports 0, 2, and 3
+ 100
Operating
Temperature
T
A
– 20 to + 85
°C
Storage
Temperature
T
STG
– 65 to + 150
°C
Table 15-2. D.C. Electrical Characteristics
(T
A = – 20
°C to + 85°C, V
DD = 4.5 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High
Voltage
V
IH1
All input pins except V
IH2
0.8 V
DD
V
DD
V
V
IH2
XIN, XOUT
2.7 V
Input Low Voltage
V
IL1
All input pins except V
IL2
0.2 V
DD
V
V
IL2
X
IN, XOUT
1.0 V
Output High
Voltage
V
OH
I
OH = – 500 µA
P0, P1.6–P1.7, P2
R, G, B, Vblank
V
DD – 0.8
V
Output Low
Voltage
V
OL1
IOL = 4 mA
P0, P1.6–P1.7
0.4
V
V
OL2
IOL = 10 mA
P1.2–P1.5
0.8
V
OL3
IOL = 2 mA
P1.0–P1.1, P3.0–P3.1
0.4
V
OL4
IOL = 1 mA
R, G, B, Vblank, P2
0.4
V


Numéro de pièce similaire - KS88C8316

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KS88C8424 SAMSUNG-KS88C8424 Datasheet
168Kb / 25P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C8432 SAMSUNG-KS88C8432 Datasheet
168Kb / 25P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
More results

Description similaire - KS88C8316

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KS88C8424 SAMSUNG-KS88C8424 Datasheet
168Kb / 25P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C8835 SAMSUNG-S3C8835 Datasheet
144Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com