Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KS86C6104 Fiches technique(PDF) 6 Page - Samsung semiconductor

No de pièce KS86C6104
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU, a wide range of integrated peripherals, and supports OTP devic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS86C6104 Fiches technique(HTML) 6 Page - Samsung semiconductor

Back Button KS86C6104 Datasheet HTML 2Page - Samsung semiconductor KS86C6104 Datasheet HTML 3Page - Samsung semiconductor KS86C6104 Datasheet HTML 4Page - Samsung semiconductor KS86C6104 Datasheet HTML 5Page - Samsung semiconductor KS86C6104 Datasheet HTML 6Page - Samsung semiconductor KS86C6104 Datasheet HTML 7Page - Samsung semiconductor KS86C6104 Datasheet HTML 8Page - Samsung semiconductor KS86C6104 Datasheet HTML 9Page - Samsung semiconductor KS86C6104 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PRODUCT OVERVIEW
KS86C6104/P6104
1-6
PIN DESCRIPTIONS
Table 1-1. KS86C6104/P6104 Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Number
Pin
Numbers
Share
Pins
P0.0–P0.2
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. Pull-up resistors are
individually assignable to input pins by software
and are automatically disable for output pins.
Port0 can be individually configured as external
interrupt inputs.
D
5, 6, 8
INT0
P1.0–P1.3
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. Pull-up resistors are
individually assignable to input pins by software.
Port1.0–1.3 can be configured as comparator
input
F-8
19–16
CIN0–
CIN3
P1.4-P1.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. Pull-up resistors are
individually assignable to input pins by software
and are automatically disabled for output pins.
Port1.4–1.7 can be individually configured as
external interrupt inputs.
D
15, 14, 10, 9
INT1
D+/D-
I/O
Only used as USB tranceive/receive port.
12–11
3.3VOUT
O
Internal regulator 3.3 V output pin for referencing
the voltage
13
XIN, XOUT
System clock input and output pin
(crystal/ceramic oscillator, or external clock
source)
3–2
INT0
I
External interrupt for bit-programmable port0.
D
5, 6, 8
Port0
INT1
I
External interrupt for bit-programmable port1
D
9, 10, 14, 15
Port1
RESET
I
RESET
signal input pin.
7
TEST
I
Test signal input pin (for factory use only; must
be connected to VSS)
4
VDD
Power input pin
20
VSS
VSS is a ground power for CPU core.
1


Numéro de pièce similaire - KS86C6104

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6408 SAMSUNG-KS86C6408 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results

Description similaire - KS86C6104

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KS86C4204 SAMSUNG-KS86C4204 Datasheet
204Kb / 28P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C4302 SAMSUNG-KS86C4302 Datasheet
208Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C6216 SAMSUNG-KS88C6216 Datasheet
438Kb / 24P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C4708 SAMSUNG-KS88C4708 Datasheet
180Kb / 26P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
KS88C4504 SAMSUNG-KS88C4504 Datasheet
293Kb / 36P
   new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com