Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA7305 Fiches technique(PDF) 5 Page - Samsung semiconductor

No de pièce KA7305
Description  B/W CCD PROCESSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA7305 Fiches technique(HTML) 5 Page - Samsung semiconductor

  KA7305 Datasheet HTML 1Page - Samsung semiconductor KA7305 Datasheet HTML 2Page - Samsung semiconductor KA7305 Datasheet HTML 3Page - Samsung semiconductor KA7305 Datasheet HTML 4Page - Samsung semiconductor KA7305 Datasheet HTML 5Page - Samsung semiconductor KA7305 Datasheet HTML 6Page - Samsung semiconductor KA7305 Datasheet HTML 7Page - Samsung semiconductor KA7305 Datasheet HTML 8Page - Samsung semiconductor KA7305 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KA7305
B/W CCD PROCESSOR
ELECTRICAL CHARACTERISTIC CURVE
r INPUT (mV)
GAMMA INPUT vs OUTPUT
0
800
600
400
200
200
400
600
800
1000
r OUTPUT
LEVEL
(mV)
0
0
1
2
3
4
5
- - - - -
W /C CONT vs W/C LEVEL
400
600
800
1000
W/C CONT
(V)
W/C
LEVEL
(mV)
0
SET-UP
LEVEL
(mV)
0
1
2
3
4
5
S/U CONT vs S/U LEVEL
0
- -
- - -
80
40
120
- 40
130
SET-UP CONT(V)
AGC CONTROL vs AMP GAIN
AGC CONT(V)
0
1
2
3
4
5
0
10
20
30
40
GAIN
(dB)
5
0
1
2
3
4
0
10
20
30
40
AGC MAX vs AMP GAIN
GAIN
(dB)
AGC MAX
(V)


Numéro de pièce similaire - KA7305

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KA7302D SAMSUNG-KA7302D Datasheet
140Kb / 9P
   GENERAL DISCRIPTION
KA7307D SAMSUNG-KA7307D Datasheet
150Kb / 9P
   GENERAL DESCRIPTION
More results

Description similaire - KA7305

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S1C7309X01 SAMSUNG-S1C7309X01 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
CXD3152R SONY-CXD3152R Datasheet
322Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
CXD3152AR SONY-CXD3152AR Datasheet
326Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
logo
Sharp Corporation
IR3Y30M SHARP-IR3Y30M Datasheet
188Kb / 22P
   CCD Signal Processors for B/W CCD Cameras
logo
Sony Corporation
XCST50 SONY-XCST50 Datasheet
579Kb / 31P
   CCD B/W VIDEO CAMERA MODULE
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
   2700 pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
   7500-pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com