Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-19118-003 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-19118-003
Description  Krimptite??Flanged Spade Tongue Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19118-003 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-19118-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19118-003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191180022
Status:
Active
Description:
Krimptite™ Flanged Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 6, Length
14.12mm (.556"), Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19118
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™
Type
Spade
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
6 (M3.5)
Wire Size AWG
18, 20, 22
Wire Size mm²
0.25 - 1.50
Material Info
Old Part Number
AA-115-06T
Reference - Drawing Numbers
Sales Drawing
SD-19118-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19118Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Tooling Kit
for ATP-100 and
ATP-300 Series Air
Crimping Press for
Mylar Tape Mounted
Terminals
0190270034
Mini-Mac™
Applicator
0638853800
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-19118-003

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-19118-001 MOLEX4-SD-19118-001 Datasheet
93Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 14-16 AWG Wire
SD-19118-002 MOLEX4-SD-19118-002 Datasheet
96Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 10-12 AWG Wire
More results

Description similaire - SD-19118-003

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0191180081 MOLEX4-0191180081 Datasheet
63Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal
0191410020 MOLEX4-0191410020 Datasheet
62Kb / 2P
   Krimptite??Spade Tongue Terminal
0191180059 MOLEX4-0191180059 Datasheet
93Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 14-16 AWG Wire
0191180087 MOLEX4-0191180087 Datasheet
96Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 10-12 AWG Wire
0191210031 MOLEX4-0191210031 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal
0191210047 MOLEX4-0191210047 Datasheet
66Kb / 2P
   InsulKrimp??Flanged Spade Tongue Terminal
0191210027 MOLEX4-0191210027 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal
0191270044 MOLEX4-0191270044 Datasheet
134Kb / 3P
   Avikrimp??Flanged Spade Tongue Terminal
0191180058 MOLEX4-0191180058 Datasheet
90Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0191180023 MOLEX4-0191180023 Datasheet
89Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 8
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com