Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4-4BK Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 4-4BK
Description  Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

4-4BK Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  4-4BK Datasheet HTML 1Page - Molex Electronics Ltd. 4-4BK Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Numéro de pièce similaire - 4-4BK

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
4-4 TEC-4-4 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Datatronic Distribution...
4-4-1D DATATRONICS-4-4-1D Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
Bourns Electronic Solut...
4-4-1D_ BOURNS-4-4-1D_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Datatronic Distribution...
4-4-1J DATATRONICS-4-4-1J Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
Bourns Electronic Solut...
4-4-1J_ BOURNS-4-4-1J_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
More results

Description similaire - 4-4BK

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0192670108 MOLEX4-0192670108 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670129 MOLEX4-0192670129 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670130 MOLEX4-0192670130 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670153 MOLEX4-0192670153 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 4.75mm (.187
0192670251 MOLEX4-0192670251 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 12.70mm (.500
0192670189 MOLEX4-0192670189 Datasheet
239Kb / 2P
   Perma-Fit™ Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm
05/19/2010
0192670190 MOLEX4-0192670190 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") InsidePerma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") Inside
0192670099 MOLEX4-0192670099 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 2.36mm (.093)30.48m
0192670219 MOLEX4-0192670219 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 9.53mm (.375") InsideDiameterBlack30.48m100.0
0192670131 MOLEX4-0192670131 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 3.18mm (.125") InsideDiameterRed30.48m (100.0
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com