Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-19039-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-19039-001
Description  Avikrimp??Bullet Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19039-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-19039-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19039-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190390030
Status:
Active
Description:
Avikrimp™ Bullet Receptacle for 14-16 AWG Wire, PVC, Fits Male Plug Diameter
4.57mm (.180"), Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Quick Disconnects
Series
19039
Comments
Fits Male Plug Dia. 4.57mm (.180")
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Snap Receptacle
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
PVC
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
PVC
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Tab Thickness
N/A
Tab Width
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.81mm (.150") max.
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.50
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
BRB-8180T
Reference - Drawing Numbers
Sales Drawing
SD-19039-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19039Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638853700
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-19039-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-19039-001 MOLEX4-SD-19039-001 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 14-16 AWG Wire
More results

Description similaire - SD-19039-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
191640052 MOLEX2-191640052 Datasheet
65Kb / 1P
   FULLY INSULATED AVIKRIMP PERMA-SEAL BULLET RECEPT
logo
Tyco Electronics
B-106-8401CS100 MACOM-B-106-8401CS100 Datasheet
43Kb / 1P
   DURASEAL BULLET RECEPTACLE
logo
Molex Electronics Ltd.
638853700 MOLEX-638853700 Datasheet
239Kb / 6P
   Air Feed Mylar Tape Applicator for Avikrimp Bullet Receptalcle
06-17-05
0190390029 MOLEX4-0190390029 Datasheet
120Kb / 3P
   Avikrimp??Bullet Receptacle for 18-22 AWG Wire, PVC, Fits Male Plug Diameter4.57mm (.180"), Mylar Tape Carrier
logo
MolexKits
76650-0051 MOLEXKITS-76650-0051 Datasheet
38Kb / 2P
   PVC Insulated Bullet Snap Plug and Receptacle, and Non-Insulated Bullet Snap Plug and Receptacle
76650-0155 MOLEXKITS-76650-0155 Datasheet
38Kb / 2P
   PVC and Nylon Insulated Bullet Snap Plug and Receptacle, and Insulated Double Bullet Snap Coupler and Non-Insulated Bullet Snap Plug and Receptacle
logo
Amphenol Corporation
1180-4009 AMPHENOL-1180-4009 Datasheet
87Kb / 1P
   3mm BULLET
logo
Amphenol SV Microwave
1180-4009 SVMICROWAVE-1180-4009 Datasheet
86Kb / 1P
   3mm BULLET
9/17
logo
Molex Electronics Ltd.
SD-73406-022 MOLEX-SD-73406-022 Datasheet
115Kb / 1P
   SMP JACK TO SMP JACK BULLET SMP-BULLET
2022/08/30
logo
Pepperl+Fuchs Inc.
WHA-BLT-F9D0-N-A0-GP-1 PF-WHA-BLT-F9D0-N-A0-GP-1 Datasheet
483Kb / 3P
   Bullet WirelessHART Adapter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com